công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RM0020 bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện RM0020
Giải thích chi tiết về linh kiện  SPC56xx DSP function library 2
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0020 bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button RM0020 Datasheet HTML 9Page - STMicroelectronics RM0020 Datasheet HTML 10Page - STMicroelectronics RM0020 Datasheet HTML 11Page - STMicroelectronics RM0020 Datasheet HTML 12Page - STMicroelectronics RM0020 Datasheet HTML 13Page - STMicroelectronics RM0020 Datasheet HTML 14Page - STMicroelectronics RM0020 Datasheet HTML 15Page - STMicroelectronics RM0020 Datasheet HTML 16Page - STMicroelectronics RM0020 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
RM0020
Function API
13/69
6
Function API
6.1
Bit reversal permutation for 16-bit data
Function call:
void bitrev_table_16bit(unsigned int n, short *inout_buffer,
unsigned short *seed_table);
Arguments:
Description:
Implements fast bit reversal permutation on 16-bit complex data using seed table as
described in David M.W.Evans, An Improved Digit-Reversal Permutation Algorithm for
the Fast Fourier and Hartley Transforms IEEE Transactions on Acoustics, Speech,
and Signal Processing, Vol. Assp-35, No. 8, August 1987.
Performance: See Section 7.
Table 1.
bitrev_table_16bit arguments
nin
number of groups:
for radix-2 bit reverse permutation:
n = 8 for 64 and 128-point FFT
n = 16 for 256 and 512-point FFT
n = 32 for 1024 and 2048 point FFT
n = 64 for 4096 point FFT
for radix-4 2-bit reverse permutation:
n = 4 for 64-point FFT
n = 16 for 256 and 1024-point FFT
n = 64 for 4096 point FFT
inout_buffer
in/out
pointer to the input/output vector of length 2*N, vector must be
word aligned
memory layout:
x_Re(0) x_Im(0) x_Re(1) x_Im(1) ... x_Re(N-1) x_Im(N-1)
(Re - real part, Im - imaginary part)
seed_table
in
pointer to the seed table, use one of the predefined tables:
seed_radix2_16bit_64
seed_radix2_16bit_128
seed_radix2_16bit_256
seed_radix2_16bit_512
seed_radix2_16bit_1024
seed_radix2_16bit_2048
seed_radix2_16bit_4096
seed_radix4_16bit_64
seed_radix4_16bit_256
seed_radix4_16bit_1024
seed_radix4_16bit_4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69