| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0020 bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0020 bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 69 page ![]() RM0020 Performance 63/69 Table 43. Complex frac16 windowing function(1) N(2) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 64 691 608 602 - 0.99 128 1291 1162 1162 - 0.99 256 2502 2282 2282 - 0.99 512 4910 4522 4522 - 0.99 1024 9724 9022 9002 - 0.99 2048 19329 18061 17962 - 0.99 1. w vector in internal flash. The table is valid for both scaling on and off. 2. N is window length. Table 44. Real float windowing function(1) N(2) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 64 298 188 188 3.1 0.86 128 524 360 360 3.1 0.85 256 965 704 704 3.1 0.84 512 1843 1398 1392 3.1 0.84 1024 3609 2801 2768 3.1 0.84 2048 7159 5658 5520 3.1 0.84 4096 14289 13145 12564 2.8 0.74 1. w vector in internal flash. 2. N is window length. Table 45. Real frac16 windowing function(1) N(2) First function call [clock cycles] Second function call [clock cycles] Third function call [clock cycles] Improvement to C function [-] IPC [-] 64 264 188 188 - 0.86 128 469 360 360 - 0.85 256 862 704 704 - 0.84 512 1644 1392 1392 - 0.84 1024 3207 2777 2768 - 0.84 2048 6365 5540 5520 - 0.84 4096 12644 11143 11024 - 0.84 1. w vector in internal flash. 2. N is window length. |