công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4587 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện AN4587
Giải thích chi tiết về linh kiện  Input bias current of a chopper amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4587 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  AN4587 Datasheet HTML 1Page - STMicroelectronics AN4587 Datasheet HTML 2Page - STMicroelectronics AN4587 Datasheet HTML 3Page - STMicroelectronics AN4587 Datasheet HTML 4Page - STMicroelectronics AN4587 Datasheet HTML 5Page - STMicroelectronics AN4587 Datasheet HTML 6Page - STMicroelectronics AN4587 Datasheet HTML 7Page - STMicroelectronics AN4587 Datasheet HTML 8Page - STMicroelectronics AN4587 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
What causes Iib spikes
AN4587
4/14
DocID026923 Rev 1
Two things cause these current spikes on the inputs:
•
Charge injection
•
Clock feed through
They are described below.
1.1
Charge injection
Figure 3 shows that when the transistor MOS is ON, the electrons can travel through the
channel from the source to the drain (in this example the MOS is a NMOS).
But, when the transistor MOS is OFF, the channel is closed, and all charges are dispersed
into the source and drain as shown in Figure 4.
The total charge in the channel of a MOS switch is given by Equation 1.
Equation 1
Where:
•
Am is the area of the MOS gate
•
Cox is the oxide capacitance per unit area
•
Vgs can also be defined as Vcc-Vin where Vcc is directly linked to the power supply of
the TSZ121 and Vin is the input common mode voltage (gate voltage is at Vcc when
the transistor is ON).
When the transistor is switched OFF the charges are evacuated resulting in a current.
So, the spikes appearing on the input pins of the TSZ121 are also linked to the power
supply.
Figure 3. MOS ON
Figure 4. MOS OFF
QAm
Cox Vgs Vth
–
()
⋅
=
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com