công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAT03 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện MAT03
Giải thích chi tiết về linh kiện  Low Noise, Matched Dual PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

MAT03 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button MAT03_15 Datasheet HTML 2Page - Analog Devices MAT03_15 Datasheet HTML 3Page - Analog Devices MAT03_15 Datasheet HTML 4Page - Analog Devices MAT03_15 Datasheet HTML 5Page - Analog Devices MAT03_15 Datasheet HTML 6Page - Analog Devices MAT03_15 Datasheet HTML 7Page - Analog Devices MAT03_15 Datasheet HTML 8Page - Analog Devices MAT03_15 Datasheet HTML 9Page - Analog Devices MAT03_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
–6–
REV. C
MAT03
Figure 1. SPICE or SABER Model
APPLICATIONS INFORMATION
MAT03 MODELS
The MAT03 model (Figure 1) includes parasitic diodes D3
through D6. D1 and D2 are internal protection diodes that prevent
zenering of the base-emitter junctions.
The analysis programs, SPICE and SABER, are primarily used
in evaluating the functional performance of systems. The models
are provided only as an aid in using these simulation programs.
MAT03 NOISE MEASUREMENT
All resistive components (Johnson noise, en
2 = 4kTBR, or
en = 0.13
√R nV/√Hz, where R is in kΩ) and semiconductor
junctions (shot noise, caused by current flowing through a
junction, produces voltage noise in series impedances such as
transistor-collector load resistors, In = 0.566
√I pA/√Hz where
I is in
µA) contribute to the system input noise.
Figure 2 illustrates a technique for measuring the equivalent in-
put noise voltage of the MAT03. 1 mA of stage current is used
Figure 2. MAT03 Voltage Noise Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12