công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMDFB bảng dữ liệu(PDF) 22 Page - Renesas Technology Corp

tên linh kiện R5F363AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMDFB bảng dữ liệu(HTML) 22 Page - Renesas Technology Corp

Back Button R5F363AMDFB Datasheet HTML 18Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 19Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 20Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 21Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 22Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 23Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 24Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 25Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 22 of 115
Nov 01, 2012
M16C/63 Group
1. Overview
Note:
1.
TXD2, SDA2, and SCL2 are N-channel open drain output pins. TXDi (i = 0, 1, 5), SDAi, and SCLi can be
selected as CMOS output pins or N-channel open drain output pins.
Table 1.14
Pin Functions for the 80-Pin Package (2/2)
Signal Name
Pin Name
I/O
Power
Supply
Description
Serial interface
UART0 to UART2,
UART5
CTS0, CTS1,
CTS5
I
VCC1
Input pins to control data transmission
RTS0, RTS1,
RTS5
O
VCC1
Output pins to control data reception
CLK0, CLK1,
CLK5
I/O
VCC1
Transmit/receive clock I/O.
RXD0 to RXD2,
RXD5
I
VCC1
Serial data input.
TXD0 to TXD2,
TXD5
O
VCC1
Serial data output. (1)
CLKS1
O
VCC1
Output for the transmit/receive clock multiple-pin output
function.
UART0 to UART2,
UART5
I2C mode
SDA0 to SDA2,
SDA5
I/O
VCC1
Serial data I/O.
SCL0 to SCL2,
SCL5
I/O
VCC1
Transmit/receive clock I/O.
Serial interface
SI/O3, SI/O4
CLK3, CLK4
I/O
VCC1
Transmit/receive clock I/O.
SIN4
I
VCC1
Serial data input.
SOUT3, SOUT4
O
VCC1
Serial data output.
Multi-master I2C-bus
interface
SDAMM
I/O
VCC1
Serial data I/O (N-channel open drain output).
SCLMM
I/O
VCC1
Transmit/receive clock I/O (N-channel open drain output).
CEC I/O
CEC
I/O
VCC1
CEC I/O (N-channel open drain output).
Reference voltage
input
VREF
I
VCC1
Reference voltage input for the A/D and D/A converters.
A/D converter
AN0 to AN7
I
VCC1
Analog input.
AN0_0 to AN0_7
AN2_0 to AN2_7
I
VCC1
ADTRG
I
VCC1
External trigger input.
ANEX0, ANEX1
I
VCC1
Extended analog input.
D/A converter
DA0, DA1
O
VCC1
Output for the D/A converter.
I/O ports
P0_0 to P0_7
P2_0 to P2_7
P3_0 to P3_7
P5_0 to P5_7
P6_0 to P6_7
P8_0 to P8_7
P10_0 to P10_7
I/O
VCC1
8-bit CMOS I/O ports. A direction register determines
whether each pin is used as an input port or an output
port. A pull-up resistor may be enabled or disabled for
input ports in 4-bit units. P8_5 is N-channel open drain
output port. No pull-up resistor is provided. P8_5 is an
input port for verifying the
NMI pin level and shares a pin
with
NMI.
P4_0 to P4_3
P7_0, P7_1
P7_6, P7_7
P9_0,
P9_2 to P9_7
I/O
VCC1
I/O ports having equivalent functions to P0. However,
P7_0 and P7_1 are N-channel open drain output ports.
No pull-up resistor is provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com