công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMDFB bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp

tên linh kiện R5F363AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMDFB bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp

Back Button R5F363AMDFB Datasheet HTML 17Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 18Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 19Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 20Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 21Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 22Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 23Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 24Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 119 page
background image
R01DS0033EJ0220 Rev.2.20
Page 21 of 115
Nov 01, 2012
M16C/63 Group
1. Overview
Note:
1.
Contact the manufacturer of crystal/ceramic resonator regarding oscillation characteristics.
Table 1.13
Pin Functions for the 80-Pin Package (1/2)
Signal Name
Pin Name
I/O
Power Supply
Description
Power supply
input
VCC1,
VSS
I
-
Apply 1.8 to 5.5 V to the VCC1 pin and 0 V to the VSS pin.
Analog power
supply input
AVCC,
AVSS
I
VCC1
This is the power supply for the A/D and D/A converters.
Connect the AVCC pin to VCC1, and connect the AVSS pin
to VSS.
Reset input
RESET
I
VCC1
Driving this pin low resets the MCU.
CNVSS
CNVSS
I
VCC1
Input pin to switch processor modes. After a reset, to start
operating in single-chip mode, connect the CNVSS pin to
VSS via a resistor.
Main clock input
XIN
I
VCC1
I/O pins for the main clock oscillator. Connect a ceramic
resonator or crystal between pins XIN and XOUT. (1) Input
an external clock to XIN pin and leave XOUT pin open.
Main clock output
XOUT
O
VCC1
Sub clock input
XCIN
I
VCC1
I/O pins for a sub clock oscillator. Connect a crystal between
XCIN pin and XCOUT pin. (1) Input an external clock to XCIN
pin and leave XCOUT pin open.
Sub clock output
XCOUT
O
VCC1
Clock output
CLKOUT
O
VCC1
Outputs a clock with the same frequency as fC, f1, f8, or f32.
INT interrupt input
INT0 to INT2
I
VCC1
Input for the
INT interrupt.
INT6, INT7
I
VCC1
NMI interrupt
input
NMI
I
VCC1
Input for the
NMI interrupt.
Key input
interrupt input
KI0 to KI7
I
VCC1
Input for the key input interrupt.
Timer A
TA0OUT,
TA3OUT,
TA4OUT
I/O
VCC1
I/O for timers A0, A3, and A4 (TA0OUT is N-channel open
drain output).
TA0IN,
TA3IN,
TA4IN
I
VCC1
Input for timers A0, A3, and A4.
ZP
I
VCC1
Input for Z-phase.
Timer B
TB0IN,
TB2IN to
TB5IN
I
VCC1
Input for timers B0, and B2 to B5.
Real-time clock
output
TRHO
O
VCC1
Output for the real-time clock.
PWM output
PWM0,
PWM1
O
VCC1
PWM output.
Remote control
signal receiver
input
PMC0
I
VCC1
Input for the remote control signal receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com