công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMDFB bảng dữ liệu(PDF) 117 Page - Renesas Technology Corp

tên linh kiện R5F363AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMDFB bảng dữ liệu(HTML) 117 Page - Renesas Technology Corp

Back Button R5F363AMDFB Datasheet HTML 111Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 112Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 113Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 114Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 115Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 116Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 117Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 118Page - Renesas Technology Corp R5F363AMDFB Datasheet HTML 119Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 117 / 119 page
background image
A - 2
2.00
Feb 07, 2011
71 to 78, 92
to 99
Table 5.35 to Table 5.40 and Table 5.56 to Table 5.61 Memory Expansion Mode and
Microprocessor Mode:
Deleted the following:
•
HOLD input setup time
•
HOLD input hold time
•
HLDA output delay time
72, 93
Figure 5.14 and Figure 5.29 Timing Diagram:
Deleted lower figure (Common to wait state and no wait state settings).
83, 104
Figure 5.20 and Figure 5.35 Timing Diagram: Changed the width of th(RD-AD).
84
Table 5.41 Electrical Characteristics (1):
• Added rows for the CEC value to VOL, VT+-VT-, and Leakage current in powered-off state.
• Added “ZP, IDU, IDV, IDW” to the VT+ - VT- row.
85
Table 5.42 Electrical Characteristics (2): Changed “VCC1 = 5.0 V” to "VCC1 = 3.0 V" in the
During flash memory program and During flash memory erase rows.
92
Table 5.56 Memory Expansion Mode and Microprocessor Mode:
Changed
RDY input setup time from 40.
105
Table 5.62 Electrical Characteristics (1):
• Changed the Measuring Condition over the table.
• Added “ZP, IDU, IDV, IDW” to the Parameter column and the value to the Measuring
Condition in the VT+ - VT- row.
• Changed the Measuring Condition in the IIH row.
106, 107
Table 5.63 Electrical Characteristics (2) and Table 5.64 Electrical Characteristics (3):
Changed the Measuring Condition over the table.
108
Table 5.66 External Clock Input (XIN Input): Changed the condition in note 1.
2.20 Nov 01, 2012 Overview
2
Table 1.1 Specifications for the 100-Pin Package (1/2): Added the condition for 100.0 ns and
changed the condition for 200 ns in the Minimum instruction execution time in the Description
column of the CPU.
3
Table 1.2 Specifications for the 100-Pin Package (2/2): Added “10 MHz/VCC1 = 2.1 to 5.5 V,
VCC2 = 2.1 V to VCC1” to the Description column of the Operation Frequency/Supply Voltage.
4
Table 1.3 Specifications for the 80-Pin Package (1/2): Added the condition for 100.0 ns and
changed the condition for 200 ns in the Minimum instruction execution time in the Description
column of the CPU.
5
Table 1.4 Specifications for the 80-Pin Package (2/2): Added “10 MHz/VCC1 = 2.1 to 5.5 V” to
the Description column of the Operation Frequency/Supply Voltage.
Electrical Characteristics
52
Table 5.4 Recommended Operating Conditions (3/4)
• Changed the Parameter “2.7 V
≤ VCC1 < 5.5 V” to “2.7 V ≤ VCC1 < 5.5 V, 1 MHz ≤ f(XIN) ≤ 20
MHz” in f(BCLK).
• Added the line for “2.1 V
≤ VCC1 < 2.7 V, 1 MHz ≤ f(XIN) ≤ 10 MHz” in f(BCLK).
• Changed the Parameter “1.8 V
≤ VCC1 < 2.7 V” to “1.8 V ≤ VCC1 < 2.1 V, 1 MHz ≤ f(XIN) ≤ 10
MHz” in f(BCLK).
53
Figure 5.1 Relation between f(BCLK) and VCC1: Modified the range of 2.1 V ≤ VCC1 < 2.7 V.
REVISION HISTORY
M16C/63 Group Datasheet
Rev.
Date
Description
Page
Summary
All trademarks and registered trademarks are the property of their respective owners.
HDMI and High-Definition Multimedia Interface are registered trademarks of HDMI Licensing, LLC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com