| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F64573LFD bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64573LFD bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 135 page ![]() R01DS0076EJ0120 Rev.1.20 Page 13 of 129 Aug 07, 2013 R32C/157 Group 1. Overview Table 1.9 Pin Definitions and Functions (2/3) Function Symbol I/O Description I/O ports P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7, P11_0 to P11_4, P12_0 to P12_7, P13_0 to P13_7, P14_3 to P14_6, P15_0 to P15_7 I/O I/O ports in CMOS. Each port can be programmed to input or output under the control of the direction register. Pull-up resistors are selected for the following 4-pin units:Pi_0 to Pi_3 and Pi_4 to Pi_7 (i = 0 to 15); however, they are enabled only for the input pins Input port P14_1 I Input port in CMOS. Pull-up resistors are selectable for P14_1 and P14_3 Timer A TA0OUT to TA4OUT I/O Timers A0 to A4 input/output TA0IN to TA4IN I Timers A0 to A4 input Timer B TB0IN to TB5IN I Timers B0 to B5 input Three-phase motor control timer output U, U, V, V, W, W O Three-phase motor control timer output Serial interface CTS0 to CTS4 I Handshake input RTS0 to RTS4 O Handshake output CLK0 to CLK4 I/O Transmit/receive clock input/output RXD0 to RXD4 I Serial data input TXD0 to TXD4 O Serial data output I2C-bus (simplified) SDA0 to SDA2 I/O Serial data input/output SCL0 to SCL2 I/O Transmit/receive clock input/output Serial interface special functions STXD0 to STXD2 O Serial data output in slave mode SRXD0 to SRXD2 I Serial data input in slave mode SS0 to SS2 I Input to control serial interface special functions |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |