công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADN2811 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADN2811
Giải thích chi tiết về linh kiện  OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADN2811 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADN2811 Datasheet HTML 7Page - Analog Devices ADN2811 Datasheet HTML 8Page - Analog Devices ADN2811 Datasheet HTML 9Page - Analog Devices ADN2811 Datasheet HTML 10Page - Analog Devices ADN2811 Datasheet HTML 11Page - Analog Devices ADN2811 Datasheet HTML 12Page - Analog Devices ADN2811 Datasheet HTML 13Page - Analog Devices ADN2811 Datasheet HTML 14Page - Analog Devices ADN2811 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADN2811
Rev. B | Page 11 of 20
JITTER PEAKING
IN ORDINARY PLL
ADN2811
Z(s)
X(s)
f (kHz)
JITTER
GAIN
(dB)
o
n psh
d psh
c
The gain of the loop integrator is small for high jitter
frequencies, so larger phase differences are needed to make the
loop control voltage big enough to tune the range of the phase
shifter. Large phase errors at high jitter frequencies cannot be
tolerated. In this region, the gain of the integrator determines
the jitter accommodation. Since the gain of the loop integrator
declines linearly with frequency, jitter accommodation is lower
with higher jitter frequency. At the highest frequencies, the loop
gain is very small and little tuning of the phase shifter can be
expected. In this case, jitter accommodation is determined by
the eye opening of the input data, the static phase error, and the
residual loop jitter generation. Jitter accommodation is roughly
0.5 UI in this region. The corner frequency between the
declining slope and the flat region is the closed-loop bandwidth
of the delay-locked loop, which is roughly 5 MHz.
Figure 13. Jitter Response vs. Conventional PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20