công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL7149CPL bảng dữ liệu(PDF) 7 Page - Intersil Corporation

tên linh kiện ICL7149CPL
Giải thích chi tiết về linh kiện  33/4 Digit, Autoranging Multimeter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7149CPL bảng dữ liệu(HTML) 7 Page - Intersil Corporation

Back Button ICL7149CPL Datasheet HTML 3Page - Intersil Corporation ICL7149CPL Datasheet HTML 4Page - Intersil Corporation ICL7149CPL Datasheet HTML 5Page - Intersil Corporation ICL7149CPL Datasheet HTML 6Page - Intersil Corporation ICL7149CPL Datasheet HTML 7Page - Intersil Corporation ICL7149CPL Datasheet HTML 8Page - Intersil Corporation ICL7149CPL Datasheet HTML 9Page - Intersil Corporation ICL7149CPL Datasheet HTML 10Page - Intersil Corporation ICL7149CPL Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
3-39
current sensing resistor; 2) Only those ranges with 1000 and
10,000 clock cycles of integration are used; 3) The RlNT l
resistor is 1M
Ω, rather than the 10MΩ value used for the
RlNT V resistor.
By using the lower value integration resistor, and only the 2
most sensitive ranges, the voltage drop across the current
sensing resistor is 40mV maximum on the 4mA and 400mA
ranges; 400mV maximum on the 40mA and 4A scales. With
some increase in noise, these “burden” voltages can be
reduced by lowering the value of both the current sense
resistors and the RlNT l resistor proportionally. The DC
current measurement timing diagram is similar to the DC
voltage measurement timing diagram, except in the DC
current timing diagram, the first and second integrate and
deintegrate phases are skipped.
AC Voltage Measurement for ICL7139
As shown in Figure 5, the AC input voltage is applied directly
to the ICL7139 input resistor. No separate AC to DC conver-
sion circuitry is needed. The AC measurement cycle is
begun by disconnecting the integrator capacitor and using
the integrator as an autozeroed comparator to detect the
positive-going zero crossing. Once synchronized to the AC
input,
the
autozero
loop
is
closed
and
a
normal
integrate/deintegrate cycle begins. The ICL7139 resynchro-
nizes itself to the AC input prior to every reading. Because
diode D4 is in series with the integrator capacitor, only posi-
tive current from the integrator flows into the integrator
capacitor, ClNT. Since the voltage on ClNT is proportional to
the half-wave rectified average AC input voltage, a conver-
sion factor must be applied to convert the reading to RMS.
This conversion factor is
π/2√2 = 1.1107, and the system
clock is manipulated to perform the RMS conversion. As a
result the deintegrate and autozero cycle times are reduced
by 10%.
AC Voltage Measurement for ICL7149
The ICL7149 is designed to be used with an optional AC to
DC voltage converter circuit. It will autorange through two
voltage ranges (400V and 40V), and the AC annunciator is
enabled. A typical averaging AC to DC converter is shown in
Figure 6, while an RMS to DC converter is shown in Figure
7. AC current can also be measured with some simple modi-
fications to either of the two circuits in Figures 6 and 7.
+
-
+
-
+
-
TRIPLE POINT
CAZ
CINT
AZ
DEINT
DEINT-
VREF
INTEGRATOR
COMPARATOR
6.7V
COMMON
RINTV
INT V/
Ω
80
µA
CAZ
DEINT
AZ
AZ
~
T
T
V+
V-
T = (INT + ACS) AZ AR
AR = AUTORANGE CHOPPER
AZ = AUTOZERO
INT = INTEGRATE
AC IN
~
S = AZ • ACS • ACINT
ACS = AC SYNC
D3
ACINT
D2
ACS
D1
D4
ACINT
5
RDEINT
CINT
ACS
FIGURE 5. DETAILED CIRCUIT DIAGRAM FOR AC VOLTAGE MEASUREMENT FOR ICL7139 ONLY
ICL7139, ICL7149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com