công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC1876 bảng dữ liệu(PDF) 23 Page - NEC

tên linh kiện UPC1876
Giải thích chi tiết về linh kiện  US MTS DECODER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPC1876 bảng dữ liệu(HTML) 23 Page - NEC

Back Button UPC1876 Datasheet HTML 19Page - NEC UPC1876 Datasheet HTML 20Page - NEC UPC1876 Datasheet HTML 21Page - NEC UPC1876 Datasheet HTML 22Page - NEC UPC1876 Datasheet HTML 23Page - NEC UPC1876 Datasheet HTML 24Page - NEC UPC1876 Datasheet HTML 25Page - NEC UPC1876 Datasheet HTML 26Page - NEC UPC1876 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
µPC1876
23
Data Sheet S11666EJ4V0DS00
5.4
SAP VCO Adjustment
Perform this adjustment with the filter unless otherwise recommended.
Be sure to adjust SAP VCO after 5.2. Filter adjustment.
Usually, the filter and SAP VCO are adjusted simultaneously. For this reason, when this adjustment is performed,
the applications of the SAP VCO SETTING pin and the FILTER ADJUSTMENT pin are modified to add variable
resistor.
(1) Input no signal to the COMPOSITE SIGNAL INPUT pin and measure the DC voltage of the SAP SINGLE OUTPUT
pin.
(2) Input SAP signal (5 fH, no modulation) to the COMPOSITE SIGNAL INPUT pin. Adjust the variable resistor
connected to the SAP VCO SETTING pin so that the DC voltage of the SAP SINGLE OUTPUT pin may match
with the DC voltage measured in step (1).
5.5
List of Pin Settings in Adjustment
Pin Name
SAP1/2
ST/SAP
MUTE
FMONO
Adjustment
Stereo VCO Adjustment
––––
Filter Adjustment
–
–
L (OFF)
–
Separation Adjustment
–
–
L (OFF)
H (OFF)
SAP VCO Adjustment
–
–
L (OFF)
–
Remark –: Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40