| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPC1876 bảng dữ liệu(PDF) 18 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC1876 bảng dữ liệu(HTML) 18 Page - NEC |
|
18 / 40 page ![]() µPC1876 18 Data Sheet S11666EJ4V0DS00 3. EXPLANATION OF EACH FUNCTION Caution Apply bias voltage to the F-MONAURAL SELECTION pin, the MATRIX MUTE pin, the SAP 1/2 pin and the STEREO/SAP SWITCH pin. Don’t leave those pins unconnected because those pins are base open. Loss current is 0.1 µA or less. Mode matrix table is shown in 3.1, and functions of mode switch pins are explained in 3.2 to 3.5. 3.1 Mode Matrix Table L, R SIGNAL OUTPUT pin matrix table Broadcasting Control pin Output LED ON/OFF mode F-MONAURAL STEREO/SAP SAP1/2 L CHANNEL R CHANNEL STEREO SAP DC SELECTION SWITCH SWITCH OUTPUT OUTPUT LED LED OUTPUT Monaural – – – L + R OFF OFF L H– – L R ON Stereo M – – L + R OFF OFF L L–– ON H – L + R H L H L + R SAP ON H Monaural + SAP L SAP OFF M– – L + R OFF L L–– ON H H– L R H L H L + R SAP ON ON H Stereo + SAP L SAP M– – L + R OFF OFF L L – – ON ON H Remark When the noise detector detects noise, both the stereo and the SAP demodulation circuit stop. The noise detector of the µPC1876 detects noise near 180 kHz that is 30 mVr.m.s. (TYP.) or higher. 3.2 MATRIX MUTE Pin The MATRIX MUTE pin controls muting of each output pin at muting operation. Input signal level of the R CHANNEL OUTPUT SAP LED MATRIX MUTE L CHANNEL OUTPUT STEREO LED H Mute is ON OFF L Mute is OFF ON |