công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSR1110D bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện FSR1110D
Giải thích chi tiết về linh kiện  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSR1110D bảng dữ liệu(HTML) 9 Page - Intersil Corporation

  FSR1110D Datasheet HTML 1Page - Intersil Corporation FSR1110D Datasheet HTML 2Page - Intersil Corporation FSR1110D Datasheet HTML 3Page - Intersil Corporation FSR1110D Datasheet HTML 4Page - Intersil Corporation FSR1110D Datasheet HTML 5Page - Intersil Corporation FSR1110D Datasheet HTML 6Page - Intersil Corporation FSR1110D Datasheet HTML 7Page - Intersil Corporation FSR1110D Datasheet HTML 8Page - Intersil Corporation FSR1110D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FSR1110D, FSR1110R
MO-036AB
14 LEAD CERAMIC SIDE LEADED DUAL IN LINE PACKAGE (DIP)
e
M
A
A1
c
b
E
b1
H1
L1
e1
INDEX MARK
SEATING PLANE
e2
1
14
8
7
D
L
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.290
0.325
7.37
8.25
-
A1
0.280
0.310
7.12
7.87
-
b
0.015
0.021
0.38
0.53
-
b1
0.038
0.060
0.97
1.52
-
c
0.008
0.012
0.21
0.30
-
D
0.105
0.175
2.67
4.44
-
E
0.730
0.770
18.55
19.55
-
e
0.290
0.325
7.37
8.25
3
e1
0.100 Typ.
2.54 Typ.
2
e2
0.600 BSC
15.24 BSC
2
H1
0.010
-
0.25
-
-
L
0.125
0.175
3.18
4.44
-
L1
0.025
0.055
0.64
1.39
-
M0o
15o
0o
15o
3
NOTES:
1. These dimensions are within allowable dimensions of Rev. A of
JEDEC MO-036AB outline dated 4-81.
2. Position of leads to be measured a maximum of 0.030 (0.76mm)
from bottom of Seating Plane.
3. Applies to spread of leads prior to installation.
4. Controlling dimension: Inch.
5. Revision 1 dated 1-00.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com