công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8314 bảng dữ liệu(PDF) 17 Page - Analog Devices

tên linh kiện AD8314
Giải thích chi tiết về linh kiện  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8314 bảng dữ liệu(HTML) 17 Page - Analog Devices

Back Button AD8314 Datasheet HTML 12Page - Analog Devices AD8314 Datasheet HTML 13Page - Analog Devices AD8314 Datasheet HTML 14Page - Analog Devices AD8314 Datasheet HTML 15Page - Analog Devices AD8314 Datasheet HTML 16Page - Analog Devices AD8314 Datasheet HTML 17Page - Analog Devices AD8314 Datasheet HTML 18Page - Analog Devices AD8314 Datasheet HTML 19Page - Analog Devices AD8314 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8314
Rev. B | Page 17 of 20
VSET (V)
Figure 40 shows the relationship between the setpoint voltage,
VSET and output power at 0.9 GHz. The overall gain control
function is linear in dB for a dynamic range of over 40 dB.
Figure 41 shows a similar circuit for a single band handset
power amplifier. The BGY241 (Phillips) is driven by a nominal
power level of 0 dBm. A 20 dB directional coupler, DC09-73
(Alpha), is used to couple the signal in this case. Figure 42
shows the relationship between the control voltage and the
output power at 0.9 GHz.
In both of these examples, noise on the V_DN pin can be reduced
by placing a simple RC low-pass filter between VDN and the gain
control pin of the power amplifier. However, the value of the
resistor should be kept low to minimize the voltage drop across
it due to the dc current flowing into the gain control input.
40
–30
01.2
30
20
10
0
–10
–20
0.2
0.4
0.6
0.8
1.0
Figure 40. POUT vs. VSET at 0.9 GHz for Dual Mode Handset Power Amplifier
Application
VS
2.7V
VSET
0V TO 1.1V
0dBm
MAX
ATTN
15dB
CF
220pF
TO
ANTENNA
52.3Ω
VS
1
2
3
4
ENBL
RFIN
AD8314
8
7
6
5
VSET
FLTR
V_DN
VPOS
COMM
V_UP
0.1µF
RF INPUT
35dBm
MAX
47µF
BGY241
15dBm
2.2µF
680pF
PIN
0dBm
DC09-73
6
3
4
5
12
3.5V
Figure 41. A Single Mode Power Amplifier Control Circuit
40
–50
0
VSET (V)
30
20
10
0
–10
–20
–30
–40
0.2
0.4
0.6
0.8
1.0
Figure 42. POUT vs. VSET at 0.9 GHz for Single Mode Handset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com