công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8314 bảng dữ liệu(PDF) 16 Page - Analog Devices

tên linh kiện AD8314
Giải thích chi tiết về linh kiện  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8314 bảng dữ liệu(HTML) 16 Page - Analog Devices

Back Button AD8314 Datasheet HTML 12Page - Analog Devices AD8314 Datasheet HTML 13Page - Analog Devices AD8314 Datasheet HTML 14Page - Analog Devices AD8314 Datasheet HTML 15Page - Analog Devices AD8314 Datasheet HTML 16Page - Analog Devices AD8314 Datasheet HTML 17Page - Analog Devices AD8314 Datasheet HTML 18Page - Analog Devices AD8314 Datasheet HTML 19Page - Analog Devices AD8314 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8314
Rev. B | Page 16 of 20
MOBILE HANDSET POWER CONTROL EXAMPLES
Figure 39 shows a complete power amplifier control circuit for a
dual mode handset. This circuit is applicable to any dual mode
handset using TDMA or CDMA technologies. The PF08107B
(Hitachi) is driven by a nominal power level of 3 dBm. Some of
the output power from the PA is coupled off using an
LDC15D190A0007A (Murata) directional coupler. This has a
coupling factor of approximately 19 dB for its lower frequency
band (897.5 MHz ± 17.5 MHz) and 14 dB for its upper band
(1747.5 MHz ± 37.5 MHz) and an insertion loss of 0.38 dB
and 0.45 dB, respectively. Because the PF08107B transmits a
maximum power level of 35 dBm, additional attenuation of
15 dB is required before the coupled signal is applied to
the AD8314.
VS
2.7V
VSET
0V TO 1.1V
PF08107B
(HITACHI)
PIN BAND 1
3dBm
PIN BAND 2
3dBm
1000pF
0dBm
MAX
ATTN
15dB
CF
220pF
POUT BAND 2
32dBm MAX
POUT BAND 1
35dBm MAX
TO
ANTENNA
7
8
5
1
4
3
26
LDC15D190A0007A
BAND
SELECT
0V/2V
3.5V
VCTL
VAPC
52.3Ω
49.9Ω
VS
1
2
3
4
ENBL
RFIN
AD8314
8
7
6
5
VSET
FLTR
V_DN
VPOS
COMM
V_UP
0.1µF
4.7µF
Figure 39. A Dual Mode Power Amplifier Control Circuit
The setpoint voltage, in the 0 V to 1.1 V range, is applied to the
VSET pin of the AD8314. This is typically supplied by a DAC.
This voltage is compared to the input level of the AD8314. Any
imbalance between VSET and the RF input level is corrected by
V_DN, which drives the VAPC (gain control) of the power
amplifier. V_DN reaches a maximum value of approximately
1.9 V on a 2.7 V supply (this is higher for higher supply
voltages) while delivering approximately 3 mA to the VAPC input.
A filter capacitor (CF) must be used to stabilize the loop. The
choice of CF depends to a large degree on the gain control
dynamics of the power amplifier, something that is frequently
characterized poorly, so some trial and error can be necessary.
In this example, a 220 pF capacitor gives the loop sufficient
speed to follow the GSM and DCS1800 time slot ramping
profiles, while still having a stable, critically damped response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com