công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8253 bảng dữ liệu(PDF) 18 Page - Analog Devices

tên linh kiện AD8253
Giải thích chi tiết về linh kiện  Programmable Gain Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8253 bảng dữ liệu(HTML) 18 Page - Analog Devices

Back Button AD8253_15 Datasheet HTML 14Page - Analog Devices AD8253_15 Datasheet HTML 15Page - Analog Devices AD8253_15 Datasheet HTML 16Page - Analog Devices AD8253_15 Datasheet HTML 17Page - Analog Devices AD8253_15 Datasheet HTML 18Page - Analog Devices AD8253_15 Datasheet HTML 19Page - Analog Devices AD8253_15 Datasheet HTML 20Page - Analog Devices AD8253_15 Datasheet HTML 21Page - Analog Devices AD8253_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8253
Data Sheet
Rev. B | Page 18 of 24
POWER SUPPLY REGULATION AND BYPASSING
The AD8253 has high PSRR. However, for optimal performance,
a stable dc voltage should be used to power the instrumentation
amplifier. Noise on the supply pins can adversely affect per-
formance. As in all linear circuits, bypass capacitors must be
used to decouple the amplifier.
Place a 0.1 μF capacitor close to each supply pin. A 10 μF tantalum
capacitor can be used farther away from the part (see Figure 55)
and, in most cases, it can be shared by other precision integrated
circuits.
AD8253
+VS
+IN
–IN
LOAD
REF
0.1µF
10µF
0.1µF
10µF
–VS
DGND
VOUT
DGND
A0
A1
WR
Figure 55. Supply Decoupling, REF, and Output Referred to Ground
INPUT BIAS CURRENT RETURN PATH
The AD8253 input bias current must have a return path to its
local analog ground. When the source, such as a thermocouple,
cannot provide a return current path, one should be created
(see Figure 56).
THERMOCOUPLE
+VS
REF
–VS
AD8253
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8253
TRANSFORMER
+VS
REF
–VS
AD8253
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8253
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8253
TRANSFORMER
+VS
REF
–VS
AD8253
CORRECT
Figure 56. Creating an IBIAS Path
INPUT PROTECTION
All terminals of the AD8253 are protected against ESD. An external
resistor should be used in series with each of the inputs to limit
current for voltages greater than 0.5 V beyond either supply rail.
In such a case, the AD8253 safely handles a continuous 6 mA
current at room temperature. For applications where the AD8253
encounters extreme overload voltages, external series resistors
and low leakage diode clamps such as BAV199Ls, FJH1100s, or
SP720s should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com