| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDP1806ACE bảng dữ liệu(PDF) 28 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1806ACE bảng dữ liệu(HTML) 28 Page - Intersil Corporation |
|
28 / 30 page ![]() 28 #2 7 F DSBI DECIMAL ADJUST → DF, D HIGH Z RP + 1 1 1 0 S1#1 8 0-F SCAL RN.0, RN.1 → T, B HIGH Z RN 1 1 0 #2 8 0-F SCAL T → MRX RX - 1 → RX RN.0 RX 1 0 0 #3 8 0-F SCAL B → MRX RX - 1 → RX RN.1 RX - 1 1 0 0 #4 8 0-F SCAL RP.0, RP.1 → T, B HIGH Z RP 1 1 0 #5 8 0-F SCAL B, T → RN.1, RN.0 HIGH Z RN 1 1 0 #6 8 0-F SCAL MRN → B; RN + 1 → RN MRP RP 0 1 0 #7 8 0-F SCAL B → T; MRN → B; RN + 1 → RN M(RP + 1) RP + 1 0 1 0 #8 8 0-F SCAL B, T → RP.0, RP.1 HIGH Z RP 1 1 0 S1#1 9 0-F SRET RN.0, RN.1 → T, B HIGH Z RN 1 1 0 #2 9 0-F SRET RX + 1 → RX HIGH Z RX 1 1 0 #3 9 0-F SRET B, T → RP.1, RP.0 HIGH Z RP 1 1 0 #4 9 0-F SRET MRX → B; RX + 1 → RX M(RX + 1) RX + 1 0 1 0 #5 9 0-F SRET B → T; MRX → B M(RX + 1 RX + 2 0 1 0 #6 9 0-F SRET B, T → RN.0, RN.1 HIGH Z RN 1 1 0 S1#1 A 0-F RSXD RN.0, RN.1 → T, B HIGH Z RN 1 1 0 #2 A 0-F RSXD T → MRX; RX - 1 → RX RN.0 RX 1 0 0 #3 A 0-F RSXD B → MRX; RX - 1 → RX RN.1 RX - 1 1 0 0 S1#1 B 0-F RNX RN.0, RN.1 → T, B HIGH Z RN 1 1 0 #2 B 0-F RNX B, T → RX.1, RX.0 HIGH Z RX 1 1 0 S1#1 C 0-F RLDI MRP → B; RP + 1 → RP MRP RP 0 1 0 #2 C 0-F RLDI B → T; MRP → B; RP + 1 → RP M(RP + 1) RP + 1 0 1 0 #3 C 0-F RLDI B, T → RN.0, RN.1;` RP + 1 → RP HIGH Z RN 1 1 0 S1#1 F 4 DADD MRX + D → DF; D MRX RX 0 1 0 #2 F 4 DADD DECIMAL ADJUST → DF, D HIGH Z RP 1 1 0 S1#1 F 7 DSM D - MRX → DF, D MRX RX 0 1 0 #2 F 7 DSM DECIMAL ADJUST → DF, D HIGH Z RP 1 1 0 S1#1 F C DADI MRP + D → DF, D; RP + 1 → RP MRP RP 0 1 0 #2 F C DADI DECIMAL ADJUST → DF, D HIGH Z RP + 1 1 1 0 S1#1 F F DSMI D - MRP → DF, D RP + 1 → RP MRP RP 0 1 0 #2 F F DSMI DECIMAL ADJUST → DF, D HIGH Z RP + 1 1 1 0 NOTE: 20. Data bus floats for first 2-1/2 clocks of the nine clock initialization cycle; all zeros for remainder of cycle. TABLE 2. CONDITIONS ON DATA BUS AND MEMORY ADDRESS LINES DURING ALL MACHINE STATES (Continued) STATE I N MNEMONIC OPERATION DATA BUS MEMORY ADDRESS MRD MWR N LINES CDP1805AC, CDP1806AC |