| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDP1806ACE bảng dữ liệu(PDF) 20 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1806ACE bảng dữ liệu(HTML) 20 Page - Intersil Corporation |
|
20 / 30 page ![]() 20 BRANCH INSTRUCTIONS - LONG BRANCH LONG BRANCH 3 LBR C0 M(R(P)) → R(P).1, M(R(P) + 1) → R(P).0 NO LONG BRANCH (See LSKP) 3 NLBR C8 (Note 11) R(P) + 2 → R(P) LONG BRANCH IF D = 0 3 LBZ C2 IF D = 0, M(R(P)) → R(P).1 M(R(P) + 1) → R(P).0 ELSE R(P) + 2 → R(P) LONG BRANCH IF D NOT 0 3 LBNZ CA IF D NOT 0, M(R(P)) → R(P).1 M(R(P) + 1) → R(P).0 ELSE R(P) + 2 → R(P) LONG BRANCH IF DF = 1 3 LBDF C3 IF DF = 1, M(R(P)) → R(P).1 M(R(P) + 1) → R(P).0 ELSE R(P) + 2 → R(P) LONG BRANCH IF DF = 0 3 LBNF CB IF DF = 0, M(R(P)) → R(P).1 M(R(P) + 1) → R(P).0 ELSE R(P) + 2 → R(P) LONG BRANCH IF Q = 1 3 LBQ C1 IF Q = 1, M(R(P)) → R(P).1 M(R(P) + 1) → R(P).0 ELSE R(P) + 2 → R(P) LONG BRANCH IF Q = 0 3 LBNQ C9 IF Q = 0, M(R(P)) → R(P).1 M(R(P) + 1) → R(P).0 ELSE R(P) + 2 → R(P) SKIP INSTRUCTIONS SHORT SKIP (See NBR) 2 SKP 38 (Note 11) R(P) + 1 → R(P) LONG SKIP (See NLBR) 3 LSKP C8 (Note 11) R(P) + 2 → R(P) LONG SKIP IF D = 0 3 LSZ CE IF D = 0, R(P) + 2 → R(P) ELSE CONTINUE LONG SKIP IF D NOT 0 3 LSNZ C6 IF D NOT 0, R(P) + 2 → R(P) ELSE CONTINUE LONG SKIP IF DF = 1 3 LSDF CF IF DF = 1, R(P) + 2 → R(P) ELSE CONTINUE LONG SKIP IF DF = 0 3 LSNF C7 IF DF = 0, R(P) + 2 → R(P) ELSE CONTINUE LONG SKIP IF Q = 1 3 LSQ CD IF Q = 1, R(P) + 2 → R(P) ELSE CONTINUE LONG SKIP IF Q = 0 3 LSNQ C5 IF Q = 0, R(P) + 2 → R(P) ELSE CONTINUE LONG SKIP IF MIE = 1 3 LSIE CC IF MIE = 1, R(P) + 2 → R(P) ELSE CONTINUE CONTROL INSTRUCTIONS IDLE 2 IDL 00 (Note 14) STOP ON TPB; WAIT FOR DMA OR INTERRUPT; BUS FLOATS NO OPERATION 3 NOP C4 CONTINUE SET P 2 SEP DN N → P SET X 2 SEX EN N → X TABLE 1. INSTRUCTION SUMMARY (SEE NOTES) (Continued) INSTRUCTION NO. OF MACHINE CYCLES MNEMONIC OP CODE OPERATION CDP1805AC, CDP1806AC |