công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT9B92G bảng dữ liệu(PDF) 6 Page - Holtek Semiconductor Inc

tên linh kiện HT9B92G
Giải thích chi tiết về linh kiện  RAM Mapping 40x4 LCD Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B92G bảng dữ liệu(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9B92G Datasheet HTML 2Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B92G Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Rev. 1.00
6
April 18, 2014
HT9B92G
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
D.C. Characteristics
VSS = 0V; VDD =2.4V to 5.5V; Ta = -40 to +85°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Operating Voltage
— —
2.4
—
5.5
V
VLCD
LCD Operating Voltage
— —
0
—
VDD-2.4
V
VIH
Input High Voltage
— SCL, SDA, TEST1, TEST2
0.7VDD
—
VDD
V
VIL
Input Low Voltage
— SCL, SDA, TEST1, TEST2
0
—
0.3VDD
V
IIL
Input Leakage Current
— VIN = VSS or VDD
−1
—
1
m
A
IOL
Low Level Output Current
3.3V
VOL=0.4V for SDA pin
6
—
—
mA
5.0V
9
—
—
mA
IDD
Operating Current
3.3V No load, 1/3bias, B type inversion,
Ta=25°C, LCD display on,
fLCD=80Hz, VLCD pin is connected
to VSS, Power save mode = Low
Current2 mode
—
7.5
15
m
A
5.0V
—
12
20
m
A
ISTB1
Standby Current
3.3V No load, 1/3bias, B type inversion,
Ta = 25°C, LCD display off,
fLCD=80Hz, VLCD pin is connected
to VSS, Power save mode = Low
Current2 mode
—
—
1
m
A
5.0V
—
—
2
m
A
RPL
Pull-Low Resistance
3.3V
For OSCIN pin
2
4
6.5
kW
5.0V
1.5
3
4.5
IOL1
LCD Common Sink Current
—
VDD-VLCD=3.30V, VOL=0.33V
250
400
—
m
A
VDD-VLCD=5.00V, VOL=0.50V
500
800
—
m
A
IOH1
LCD Common Source Current
—
VDD-VLCD=3.30V, VOH=2.97V
−140 −230
—
m
A
VDD-VLCD=5.00V, VOH=4.50V
−300 −500
—
m
A
IOL2
LCD Segment Sink Current
—
VDD-VLCD=3.30V, VOL=0.33V
250
400
—
m
A
VDD-VLCD=5.00V, VOL=0.50V
500
800
—
m
A
IOH2
LCD Segment Source Current
—
VDD-VLCD=3.30V, VOH=2.97V
−140 −230
—
m
A
VDD-VLCD=5.00V, VOH=4.50V
−300 −500
—
m
A
Absolute Maximum Ratings
SupplyVoltage......................... VSS-0.3VtoVDD+6.5V
InputVoltage........................... VSS-0.3VtoVDD+0.3V
StorageTemperature.......................... -55°Cto150°C
OperatingTemperature......................... -40°Cto85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com