| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
82503 bảng dữ liệu(PDF) 39 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82503 bảng dữ liệu(HTML) 39 Page - Intel Corporation |
|
39 / 45 page ![]() 82503 MODE TIMINGS(23 24) Symbol Parameter Min Typ Max Units t175 Mode Pins Setup to RTS v 100 ms t176 Mode Pins Hold from RTS u 100 ms t177 Mode Pins Setup to RD Active(25) 100 ms t178 Mode Pins Hold from RD Active(25) 100 ms NOTES 23 Guarantees Proper processing of data packets Violation of these specifications will not affect the integrity of the network 24 Mode pins are APORT APOLXSQ LID JABD and TPEAUI 25 Any data received within 100 ms of a mode transmission will be considered invalid 290421 – 53 Figure 41 Mode Timings 39 |