công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

82503 bảng dữ liệu(PDF) 33 Page - Intel Corporation

tên linh kiện 82503
Giải thích chi tiết về linh kiện  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

82503 bảng dữ liệu(HTML) 33 Page - Intel Corporation

Back Button 82503 Datasheet HTML 29Page - Intel Corporation 82503 Datasheet HTML 30Page - Intel Corporation 82503 Datasheet HTML 31Page - Intel Corporation 82503 Datasheet HTML 32Page - Intel Corporation 82503 Datasheet HTML 33Page - Intel Corporation 82503 Datasheet HTML 34Page - Intel Corporation 82503 Datasheet HTML 35Page - Intel Corporation 82503 Datasheet HTML 36Page - Intel Corporation 82503 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
82503
290421 – 29
Figure 30 TPE Receive Timings (End of Frame)
TPE COLLISION TIMINGS
Symbol
Parameter
Min
Typ
Max
Units
t115
Onset of Collision (RD Pair and RTS Active) to CDT Assert
900
ns
t116
End of Collision (RD Pair or RTS Inactive) to CDT Deassert
900
ns
t117
CDT Assert to RxD Sourced from RD Pair
900
ns
t118
CDT Deassert (RD Pair Inactive) to RxD Sourced from TxD
900
ns
290421 – 30
Figure 31 TPE Collision Timings (Start of Collision)
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45