| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5259 bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5259 bảng dữ liệu(HTML) 7 Page - Analog Devices |
|
7 / 24 page ![]() Data Sheet AD5259 Rev. C | Page 7 of 24 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS AD5259 TOP VIEW (Not to Scale) W 1 AD0 2 AD1 3 SDA 4 SCL 5 A B VDD GND VLOGIC 10 9 8 7 6 NOTES 1. THE EXPOSED PAD SHOULD BE CONNECTED TO GND OR LEFT FLOATING. Figure 5. Pin Configuration Table 4. Pin Function Descriptions Pin Mnemonic Description 1 W W Terminal, GND ≤ V W ≤ VDD. 2 ADO Programmable Pin 0 for Multiple Package Decoding. State is registered on power-up. 3 AD1 Programmable Pin 1 for Multiple Package Decoding. State is registered on power-up. 4 SDA Serial Data Input/Output. 5 SCL Serial Clock Input. Positive edge triggered. 6 V LOGIC Logic Power Supply. 7 GND Digital Ground. 8 V DD Positive Power Supply. 9 B B Terminal, GND ≤ V B ≤ VDD. 10 A A Terminal, GND ≤ V A ≤ VDD. 11 EPAD Exposed Pad. The exposed pad should be connected to GND or left floating. |