công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

82375EB bảng dữ liệu(PDF) 23 Page - Intel Corporation

tên linh kiện 82375EB
Giải thích chi tiết về linh kiện  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB bảng dữ liệu(HTML) 23 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 19Page - Intel Corporation 82375EB Datasheet HTML 20Page - Intel Corporation 82375EB Datasheet HTML 21Page - Intel Corporation 82375EB Datasheet HTML 22Page - Intel Corporation 82375EB Datasheet HTML 23Page - Intel Corporation 82375EB Datasheet HTML 24Page - Intel Corporation 82375EB Datasheet HTML 25Page - Intel Corporation 82375EB Datasheet HTML 26Page - Intel Corporation 82375EB Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 131 page
background image
82375EBSB
Pin Name
Type
Description
SD 310
ts
SYSTEM DATA
SD 310 are bi-directional data lines that transfer data between the
PCEB and other EISA devices Data transfer between EISA and PCI devices use
these signals The data swapping logic in the PCEB ensures that the data is available
on the correct byte lanes for any given transfer During reset these signals are tri-
stated
REFRESH
in
REFRESH
When asserted REFRESH
indicates to the PCEB that the current cycle
on the EISA Bus is a refresh cycle It is used by the PCEB decoder to distinguish
between EISA memory read cycles and refresh cycles
NOTE
Mis-matched Cycles
When the PCEB is an EISA master cycles to the slaves other than 32 bits transfers are considered
a mis-matched cycle For mis-matched cycles the PCEB backs off the EISA Bus one and half BCLKs after it asserted
START
by releasing (floating) START
BE 30
and the SD 310 lines The ESC device then takes control of the
transfer The ESC controls the transfer until the last transfer At the end of the last transfer the control is transferred back to
the PCEB The ESC transfers control back to the PCEB by asserting EX32
and EX16
on the falling edge of BCLK before
the rising edge of BCLK when the last CMD
is negated
25 ISA Interface Signals
An ISA interface signal is included to improve the PCEB’s handling of IO cycles on the EISA side of the
bridge This signal permits ISA masters to address PCI IO slaves using the full 16-bit bus size The signal also
allows the PCEB to identify 8-bit IO slaves for purposes of generating the correct amount of IO recovery
Pin Name
Type
Description
IO16
od
16-BIT IO CHIP SELECT
As an EISA slave the PCEB asserts IO16
when
PIODEC
is asserted or an IO cycle to PCI is detected
As an EISA master the PCEB uses IO16
as an input to determine the correct amount
of IO recovery time from the IO Recovery Time (IORT) Register This register
contains bit-fields that are used to program recovery times for 8-bit and 16-bit IO
When IO16
is asserted the recovery time programmed into the 16-bit IO field (bits
10 ) if enabled is used When IO16
is negated the recovery time programmed into
the 8-bit IO field (bits 53 ) if enabled is used
This signal must have an external pull-up resistor During reset this signal is not driven
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com