công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

82375EB bảng dữ liệu(PDF) 89 Page - Intel Corporation

tên linh kiện 82375EB
Giải thích chi tiết về linh kiện  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB bảng dữ liệu(HTML) 89 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 85Page - Intel Corporation 82375EB Datasheet HTML 86Page - Intel Corporation 82375EB Datasheet HTML 87Page - Intel Corporation 82375EB Datasheet HTML 88Page - Intel Corporation 82375EB Datasheet HTML 89Page - Intel Corporation 82375EB Datasheet HTML 90Page - Intel Corporation 82375EB Datasheet HTML 91Page - Intel Corporation 82375EB Datasheet HTML 92Page - Intel Corporation 82375EB Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 131 page
background image
82375EBSB
5412 Rotating Priority Mode
When any bank rotate control bit is set to a one that particular bank rotates between the requesting inputs
Any or all banks can be set in rotate mode If all four banks are set in rotate mode the six supported masters
are all rotated and the arbiter is in a pure rotating priority mode If within a rotating bank the highest priority
device (a) does not have an active request the lower priority device (b or c) will be granted the bus However
this does not change the rotation scheme When the bank toggles device b is the highest priority Because of
this the maximum latency a device can encounter is two complete rotations
5413 Mixed Priority Mode
Any combination of fixed priority and rotate priority modes can be used in different arbitration banks to achieve
a specific arbitration scheme
5414 Locking Masters
When a master acquires the PLOCK
signal the arbiter gives that master highest priority until PLOCK
is
negated and FRAME
is negated This insures that a master that locked a resource will eventually be able to
unlock that same resource
542 ARBITRATION SIGNALING PROTOCOL
An agent requests the PCI Bus by asserting its REQ
When the arbiter determines that an agent may use the
PCI Bus it asserts the agent’s GNT
Figure 22 shows an example of the basic arbitration cycle Two agents
(A and B) are used to illustrate how the arbiter alternates bus accesses Note in Figure 22 that the current
owner of the bus may keep its REQ
(REQ -A) asserted when it requires additional transactions
REQ -A is asserted prior to or at clock 1 to request use of the PCI Bus Agent A is granted access to the bus
(GNT -A is asserted) at clock 2 Agent A may start a transaction at clock 2 because FRAME
and IRDY
are negated and GNT -A is asserted Agent A’s transaction starts when FRAME
is asserted (clock 3)
Agent A requests another transaction by keeping REQ -A asserted
When FRAME
is asserted on clock 3 the arbiter determines that agent B has priority and asserts GNT -B
and negates GNT -A on clock 4 When agent A completes its transaction on clock 4 it relinquishes the bus
All PCI agents can determine the end of the current transaction when both FRAME
and IRDY
are negated
Agent B becomes the PCI Bus owner on clock 5 (FRAME
and IRDY
are negated) and completes its
transaction on clock 7 Note that REQ -B is negated and FRAME
is asserted on clock 6 indicating that
agent B requires only a single transaction The arbiter grants the next transaction to agent A because its
REQ
is still asserted
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com