công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

80C188EC13 bảng dữ liệu(PDF) 57 Page - Intel Corporation

tên linh kiện 80C188EC13
Giải thích chi tiết về linh kiện  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC13 bảng dữ liệu(HTML) 57 Page - Intel Corporation

Back Button 80C188EC13 Datasheet HTML 49Page - Intel Corporation 80C188EC13 Datasheet HTML 50Page - Intel Corporation 80C188EC13 Datasheet HTML 51Page - Intel Corporation 80C188EC13 Datasheet HTML 52Page - Intel Corporation 80C188EC13 Datasheet HTML 53Page - Intel Corporation 80C188EC13 Datasheet HTML 54Page - Intel Corporation 80C188EC13 Datasheet HTML 55Page - Intel Corporation 80C188EC13 Datasheet HTML 56Page - Intel Corporation 80C188EC13 Datasheet HTML 57Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 57 page
background image
80C186EC188EC 80L186EC188EC
ERRATA
An 80C186EC80L186EC with a STEPID value of
0002H has no known errata A device with a STEPID
of 0002H can be visually identified by noting the
presence
of an ‘‘A’’ or ‘‘B’’ alpha character next to
the FPO number or the absence of any alpha char-
acter The FPO number location is shown in Figures
4 5 and 6
REVISION HISTORY
This data sheet replaces the following data sheets
272072-003
80C186EC
272076-003
80C188EC
272332-001
80L186EC
272333-001
80L188EC
272373-001
SB80C188ECSB80L188EC
272372-001
SB80C186ECSB80L186EC
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57