công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

80C188EC13 bảng dữ liệu(PDF) 53 Page - Intel Corporation

tên linh kiện 80C188EC13
Giải thích chi tiết về linh kiện  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC13 bảng dữ liệu(HTML) 53 Page - Intel Corporation

Back Button 80C188EC13 Datasheet HTML 49Page - Intel Corporation 80C188EC13 Datasheet HTML 50Page - Intel Corporation 80C188EC13 Datasheet HTML 51Page - Intel Corporation 80C188EC13 Datasheet HTML 52Page - Intel Corporation 80C188EC13 Datasheet HTML 53Page - Intel Corporation 80C188EC13 Datasheet HTML 54Page - Intel Corporation 80C188EC13 Datasheet HTML 55Page - Intel Corporation 80C188EC13 Datasheet HTML 56Page - Intel Corporation 80C188EC13 Datasheet HTML 57Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
80C186EC188EC 80L186EC188EC
INSTRUCTION SET SUMMARY (Continued)
Function
Format
80C186EC
80C188EC
Comments
Clock
Clock
Cycles
Cycles
ARITHMETIC
(Continued)
IMUL e
Integer multiply (signed)
1111011w
mod101 r m
Register-Byte
25–28
25–28
Register-Word
34–37
34–37
Memory-Byte
31–34
32–34
Memory-Word
40–43
40–43
IMUL e
Integer Immediate multiply
011010s1
mod reg r m
data
data if se0
22–25
22–25
(signed)
29–32
29–32
DIV e
Divide (unsigned)
1111011w
mod110 r m
Register-Byte
29
29
Register-Word
38
38
Memory-Byte
35
35
Memory-Word
44
44
IDIV e
Integer divide (signed)
1111011w
mod111 r m
Register-Byte
44–52
44–52
Register-Word
53–61
53–61
Memory-Byte
50–58
50–58
Memory-Word
59–67
59–67
AAM e
ASCII adjust for multiply
11010100
00001010
19
19
AAD e
ASCII adjust for divide
11010101
00001010
15
15
CBW e
Convert byte to word
10011000
2
2
CWD e
Convert word to double word
10011001
4
4
LOGIC
ShiftRotate Instructions
RegisterMemory by 1
1101000w
mod TTT r m
215
215
RegisterMemory by CL
1101001w
mod TTT r m
5an17an5an17an
RegisterMemory by Count
1100000w
mod TTT r m
count
5an17an5an17an
TTT Instruction
000
ROL
001
ROR
010
RCL
011
RCR
1 0 0
SHLSAL
101
SHR
111
SAR
AND e And
Regmemory and register to either
001000dw
mod reg r m
310
310
Immediate to registermemory
1000000w
mod100 r m
data
data if we1
416
416
Immediate to accumulator
0010010w
data
data if we1
34
34
816-bit
TESTeAnd function to flags no result
Registermemory and register
1000010w
mod reg r m
310
310
Immediate data and registermemory
1111011w
mod000 r m
data
data if we1
410
410
Immediate data and accumulator
1010100w
data
data if we1
34
34
816-bit
OReOr
Regmemory and register to either
000010dw
mod reg r m
310
310
Immediate to registermemory
1000000w
mod001 r m
data
data if we1
416
416
Immediate to accumulator
0000110w
data
data if we1
34
34
816-bit
Shaded areas indicate instructions not available in 80868088 microsystems
NOTE
Clock cycles shown for byte transfers for word operations add 4 clock cycles for all memory transfers
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57