| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A80960HA40SL2GZ bảng dữ liệu(PDF) 89 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
A80960HA40SL2GZ bảng dữ liệu(HTML) 89 Page - Intel Corporation |
|
89 / 102 page ![]() 80960HA/HD/HT Advance Information Datasheet 83 “D : (E03, C02, D02, C01, E02, D01, F02, E01, F01,”& “ G01, H02, H01, J01, K01, L02, L01, M01, N01,”& “ N02, P01, P02, Q01, P03, Q02, R01, S01, Q03,”& “ R02, Q04, S02, Q05, R03),”& “DENBAR : S09,”& “DP : (A03, B03, A04, B04),”& “DTRBAR : S11,”& “DCBAR : S13,”& “FAILBAR : A02,”& “HOLD : R05,”& “HOLDA : S04,”& “LOCKBAR : S14,”& “NMIBAR : D15,”& “ONCEBAR : C03,”& “PCHKBAR : B08,”& “READYBAR : S03,”& “RESETBAR : A16,”& “STEST : B02,”& “SUPBAR : Q12,”& “TCK : B05,”& “TDI : A07,”& “TDO : A08,”& “TMS : B06,”& “TRST : A06,”& “WAITBAR : S12,”& “WRBAR : S10,”& “ XINTBAR : (B15, A15, A17, B16, C15, B17, C16, C17),”& “FIVEVREF : C05,”& “VOLTDET : A05,”& “VCCPLL : B10,”& “ VCC1 : (M02, K02, J02, G02, N03, F03, C06, B07, B09, B11,”& “ B12, C14, E15, F16, H16, J16, K16, M16, N15, Q06,”& “ R07, R08, R10, R11),”& “ VSS1 : (G03, H03, J03, K03, L03, M03, C07, C08, C09, C10,”& “ C11, C12, Q07, Q08, Q09, Q10, Q11, F15, G15, H15,”& “ J15, K15, L15, M15, A01, C04),”& “NC : (A09, A10, B13, B14, D03)”; Example 1. Boundary-Scan Description Language (BSDL) for PGA Package Example (Sheet 4 of 8) |