| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A80960HA40SL2GZ bảng dữ liệu(PDF) 86 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
A80960HA40SL2GZ bảng dữ liệu(HTML) 86 Page - Intel Corporation |
|
86 / 102 page ![]() 80960HA/HD/HT 80 Advance Information Datasheet 5.2 Boundary Scan Description Language Example Boundary-Scan Description Language (BSDL) example 14-2 meets the de facto standard means of describing essential features of ANSI/IEEE 1149.1-1993 compliant devices. Example 1. Boundary-Scan Description Language (BSDL) for PGA Package Example (Sheet 1 of 8) -- Copyright Intel Corp. 1995 - - *************************************************************************** - - Intel Corporation makes no warranty for the use of its products and assumes no responsibility for any errors which may appear in this document nor does it make a commitment to update the information contained herein. - - *************************************************************************** - - Boundary-Scan Description Language (BSDL Version 0.0) is a de-facto standard means of describing essential features of ANSI/IEEE 1149.1-1990 compliant devices. This language is under consideration by the IEEE for formal inclusion within a supplement to the 1149.1-1990 standard. The generation of the supplement entails an extensive IEEE review and a formal acceptance balloting procedure which may change the resultant form of the language. Be aware that this process may extend well into 1993, and at this time the IEEE does not endorse or hold an opinion on the language. - - *************************************************************************** -- -- i960(R) Processor BSDL Model |