công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP28F010-90 bảng dữ liệu(PDF) 13 Page - Intel Corporation

tên linh kiện TP28F010-90
Giải thích chi tiết về linh kiện  28F010 1024K (128K X 8) CMOS FLASH MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

TP28F010-90 bảng dữ liệu(HTML) 13 Page - Intel Corporation

Back Button TP28F010-90 Datasheet HTML 9Page - Intel Corporation TP28F010-90 Datasheet HTML 10Page - Intel Corporation TP28F010-90 Datasheet HTML 11Page - Intel Corporation TP28F010-90 Datasheet HTML 12Page - Intel Corporation TP28F010-90 Datasheet HTML 13Page - Intel Corporation TP28F010-90 Datasheet HTML 14Page - Intel Corporation TP28F010-90 Datasheet HTML 15Page - Intel Corporation TP28F010-90 Datasheet HTML 16Page - Intel Corporation TP28F010-90 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
E
28F010
13
programming.
Refer
to
AC
Characteristics—
Write/Erase/Program
Only
Operations
and
waveforms for specific timing parameters.
2.2.2.7
Reset Command
A Reset command is provided as a means to safely
abort the Erase or Program command sequences.
Following
either
Set-Up
command
(Erase
or
Program) with two consecutive writes of FFH will
safely abort the operation. Memory contents will not
be altered. A valid command must then be written
to place the device in the desired state.
2.2.3
EXTENDED ERASE/PROGRAM
CYCLING
EEPROM cycling failures have always concerned
users. The high electrical field required by thin
oxide EEPROMs for tunneling can literally tear
apart the oxide at defect regions. To combat this,
some suppliers have implemented redundancy
schemes, reducing cycling failures to insignificant
levels. However, redundancy requires that cell size
be doubled—an expensive solution.
Intel has designed extended cycling capability into
its ETOX flash memory technology. Resulting
improvements in cycling reliability come without
increasing memory cell size or complexity. First, an
advanced
tunnel
oxide
increases
the
charge
carrying ability ten-fold. Second, the oxide area per
cell subjected to the tunneling electric field is one-
tenth that of common EEPROMs, minimizing the
probability of oxide defects in the region. Finally,
the
peak
electric
field
during
erasure
is
approximately 2 MV/cm lower than EEPROM. The
lower electric field greatly reduces oxide stress and
the probability of failure.
The 28F010 is capable or 100,000 program/erase
cycles. The device is programmed and erased
using Intel's quick-pulse programming and quick-
erase algorithms. Intel's algorithmic approach uses
a series of operations (pulses), along with byte
verification, to completely and reliably erase and
program the device.
2.2.4
QUICK-PULSE PROGRAMMING
ALGORITHM
The
quick-pulse
programming
algorithm
uses
programming operations of 10 µs duration. Each
operation is followed by a byte verification to
determine when the addressed byte has been
successfully programmed. The algorithm allows for
up to 25 programming operations per byte, although
most bytes verify on the first or second operation.
The entire sequence of programming and byte
verification is performed with VPP at high voltage.
Figure 4
illustrates
the
28F010
Quick-Pulse
Programming Algorithm flowchart.
2.2.5
QUICK-ERASE ALGORITHM
Intel's quick-erase algorithm yields fast and reliable
electrical
erasure
of
memory
contents.
The
algorithm employs a closed-loop flow, similar to the
quick-pulse
programming
algorithm,
to
simul-
taneously remove charge from all bits in the array.
Erasure begins with a read of memory contents.
The 28F010 is erased when shipped from the
factory. Reading FFH data from the device would
immediately be followed by device programming.
For devices being erased and reprogrammed,
uniform and reliable erasure is ensured by first
programming all bits in the device to their charged
state (Data = 00H). This is accomplished, using the
quick-pulse programming algorithm, in approxi-
mately two seconds.
Erase execution then continues with an initial erase
operation. Erase verification (data = FFH) begins at
address 0000H and continues through the array to
the last address, or until data other than FFH is
encountered.
With
each
erase
operation,
an
increasing number of bytes verify to the erased
state. Erase efficiency may be improved by storing
the address of the last byte verified in a register.
Following the next erase operation, verification
starts at that stored address location. Erasure
typically occurs in one second. Figure 5 illustrates
the
28F010 Quick-Erase Algorithm flowchart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com