công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX489 bảng dữ liệu(PDF) 7 Page - Tiger Electronic Co.,Ltd

tên linh kiện MAX489
Giải thích chi tiết về linh kiện  LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TGS [Tiger Electronic Co.,Ltd]
Trang chủ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX489 bảng dữ liệu(HTML) 7 Page - Tiger Electronic Co.,Ltd

Back Button MAX489 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
FUNCTION
MAX481
MAX483
MAX485
MAX487
MAX1487
1
8
2
7
3
6
4
5
Pin Description
PIN
NAME
FUNCTION
MAX481/MAX483/
MAX485/MAX487/
MAX1487
MAX488/
MAX490
MAX489/
MAX491
DIP/SO
µMAX
DIP/SO
µMAX
DIP/SO
1
3
2
4
2
RO
Receiver Output: If A > B by 200mV, RO will be high;
If A < B by 200mV, RO will be low.
2
4
—
—
3
RE
Receiver Output Enable. RO is enabled when RE is low; RO is
high impedance when RE is high.
3
5
—
—
4
DE
Driver Output Enable. The driver outputs, Y and Z, are enabled
by bringing DE high. They are high impedance when DE is low. If
the driver outputs are enabled, the parts function as line drivers.
While they are high impedance, they function as line receivers if
RE is low.
4
6
3
5
5
DI
Driver Input. A low on DI forces output Y low and output Z high.
Similarly, a high on DI forces output Y high and output Z low.
5
7
4
6
6, 7
GND
Ground
—
—
5
7
9
Y
Noninverting Driver Output
—
—
6
8
10
Z
Inverting Driver Output
6
8
—
—
—
A
Noninverting Receiver Input and Noninverting Driver Output
—
—
8
2
12
A
Noninverting Receiver Input
7
1
—
—
—
B
Inverting Receiver Input and Inverting Driver Output
—
—
7
1
11
B
Inverting Receiver Input
8
2
1
3
14
VCC
Positive Supply: 4.75V ≤ VCC ≤ 5.25V
—
—
—
—
1, 8, 13
N.C.
No Connect—not internally connected
TOP VIEW
RO 1
RE 2
DE 3
DI 4
R
D
DIP/SO
8 VCC
7
B
6
A
5 GND
RO
1
R
RE 2
DE
3
8 VCC
7 B
Rt
6
MAX481
MAX483
MAX485
DE
MAX487
MAX1487
DI
D
B
Rt
B
VCC
RO
RE
A
GND
DI
DE
DI
4
D
A
5 GND
A
RO
R
RE
µMAX
NOTE: PIN LABELS Y AND Z ON TIMING, TEST, AND WAVEFORM DIAGRAMS REFER TO PINS A AND B WHEN DE IS HIGH.
TYPICAL OPERATING CIRCUIT SHOWN WITH DIP/SO PACKAGE.
Figure 1. MAX481/MAX483/MAX485/MAX487/MAX1487 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com