công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX489 bảng dữ liệu(PDF) 4 Page - Tiger Electronic Co.,Ltd

tên linh kiện MAX489
Giải thích chi tiết về linh kiện  LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TGS [Tiger Electronic Co.,Ltd]
Trang chủ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX489 bảng dữ liệu(HTML) 4 Page - Tiger Electronic Co.,Ltd

  MAX489 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX489 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SWITCHING CHARACTERISTICS—MAX481/MAX485, MAX490/MAX491, MAX1487 (continued)
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Enable from Shutdown to
Output High (MAX481)
tZH(SHDN)
Figures 7 and 9, CL = 100pF, S2 closed
40
100
ns
Driver Enable from Shutdown to
Output Low (MAX481)
tZL(SHDN)
Figures 7 and 9, CL = 100pF, S1 closed
40
100
ns
Receiver Enable from Shutdown
to Output High (MAX481)
tZH(SHDN)
Figures 5 and 11, CL = 15pF, S2 closed,
A - B = 2V
300
1000
ns
Receiver Enable from Shutdown
to Output Low (MAX481)
tZL(SHDN)
Figures 5 and 11, CL = 15pF, S1 closed,
B - A = 2V
300
1000
ns
SWITCHING CHARACTERISTICS—MAX483, MAX487/MAX488/MAX489
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Input to Output
tPLH
Figures 6 and 8, RDIFF = 54Ω,
CL1 = CL2 = 100pF
250
800
2000
ns
tPHL
250
800
2000
Driver Output Skew to Output
tSKEW
Figures 6 and 8, RDIFF = 54Ω,
CL1 = CL2 = 100pF
100
800
ns
Driver Rise or Fall Time
tR, tF
Figures 6 and 8, RDIFF = 54Ω,
CL1 = CL2 = 100pF
250
2000
ns
Driver Enable to Output High
tZH
Figures 7 and 9, CL = 100pF, S2 closed
250
2000
ns
Driver Enable to Output Low
tZL
Figures 7 and 9, CL = 100pF, S1 closed
250
2000
ns
Driver Disable Time from Low
tLZ
Figures 7 and 9, CL = 15pF, S1 closed
300
3000
ns
Driver Disable Time from High
tHZ
Figures 7 and 9, CL = 15pF, S2 closed
300
3000
ns
Receiver Input to Output
tPLH
Figures 6 and 10, RDIFF = 54Ω,
CL1 = CL2 = 100pF
250
2000
ns
tPHL
250
2000
I tPLH - tPHL I Differential
Receiver Skew
tSKD
Figures 6 and 10, RDIFF = 54Ω,
CL1 = CL2 = 100pF
100
ns
Receiver Enable to Output Low
tZL
Figures 5 and 11, CRL = 15pF, S1 closed
20
50
ns
Receiver Enable to Output High
tZH
Figures 5 and 11, CRL = 15pF, S2 closed
20
50
ns
Receiver Disable Time from Low
tLZ
Figures 5 and 11, CRL = 15pF, S1 closed
20
50
ns
Receiver Disable Time from High
tHZ
Figures 5 and 11, CRL = 15pF, S2 closed
20
50
ns
Maximum Data Rate
fMAX
tPLH, tPHL < 50% of data period
250
kbps
Time to Shutdown
tSHDN
MAX483/MAX487 (Note 5)
50
200
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN)
MAX483/MAX487, Figures 7 and 9,
CL = 100pF, S2 closed
2000
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN)
MAX483/MAX487, Figures 7 and 9,
CL = 100pF, S1 closed
2000
ns
Receiver Enable from Shutdown
to Output High
tZH(SHDN)
MAX483/MAX487, Figures 5 and 11,
CL = 15pF, S2 closed
2500
ns
Receiver Enable from Shutdown
to Output Low
tZL(SHDN)
MAX483/MAX487, Figures 5 and 11,
CL = 15pF, S1 closed
2500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com