| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IDT29FCT53B bảng dữ liệu(PDF) 4 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT29FCT53B bảng dữ liệu(HTML) 4 Page - Integrated Device Technology |
|
4 / 7 page ![]() 7.1 4 IDT29FCT52A/B/C, IDT29FCT53A/B/C FAST CMOS OCTAL REGISTERED TRANSCEIVERS MILITARY AND COMMERCIAL TEMPERATURE RANGES POWER SUPPLY CHARACTERISTICS VLC = 0.2V; VHC = VCC – 0.2V Symbol Parameter Test Conditions (1) Min. Typ. (2) Max. Unit ICC Quiescent Power Supply VCC = Max. — 0.5 1.5 µA Current VIN ≥ VHC; VIN ≤ VLC ∆ICC Quiescent Power Supply Vcc = Max. — 0.5 2.0 mA Current TTL Inputs HIGH VIN = 3.4V (3) ICCD Dynamic Power Supply Vcc = Max. VIN ≥ VHC — 0.15 0.25 mA/ Current (4) Outputs Open VIN ≤ VLC MHz OEA or OEB= GND One Input Toggling 50% Duty Cycle IC Total Power Supply Vcc = Max. VIN ≥ VHC — 2.0 4.0 mA Current (6) Outputs Open VIN ≤ VLC fCP = 10MHz (FCT) 50% Duty Cycle OEA or OEB= GND One Bit Toggling VIN = 3.4V — 2.5 6.0 at fi = 5MHz VIN = GND 50% Duty Cycle VCC = Max. VIN ≥ VHC — 4.3 7.8 (5) Outputs Open VIN ≤ VLC fCP = 10MHz (FCT) 50% Duty Cycle OEA or OEB = GND Eight Bits Toggling VIN = 3.4V — 6.5 16.8 (5) at fi = 2.5MHz VIN = GND 50% Duty Cycle NOTES: 2533 tbl 07 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25 °C ambient. 3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ∆ICC DHNT + ICCD (fCP/2 + fiNi) ICC = Quiescent Current ∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Output Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Input Frequency Ni = Number of Inputs at fi All currents are in milliamps and all frequencies are in megahertz. |