| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IDT29FCT53B bảng dữ liệu(PDF) 2 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT29FCT53B bảng dữ liệu(HTML) 2 Page - Integrated Device Technology |
|
2 / 7 page ![]() 7.1 2 IDT29FCT52A/B/C, IDT29FCT53A/B/C FAST CMOS OCTAL REGISTERED TRANSCEIVERS MILITARY AND COMMERCIAL TEMPERATURE RANGES PIN DESCRIPTION Name I/O Description A0-7 I/O Eight bidirectional lines carrying the A Register inputs or B Register outputs. B0-7 I/O Eight bidirectional lines carrying the B Register inputs or A Register outputs. CPA I Clock for the A Register. When CEA is LOW, data is entered into the A Register on the LOW-to-HIGH transition of the CPA signal. CEA I Clock Enable for the A Register. When CEA is LOW, data is entered into the A Register on the LOW-to-HIGH transition of the CPA signal. When CEA is HIGH, the A Register holds its contents, regardless of CPA signal transitions. OEB I Output Enable for the A Register. When OEB is LOW, the A Register outputs are enabled onto the B0-7 lines. When OEB is HIGH, the B0-7 outputs are in the high-impedance state. CPB I Clock for the B Register. When CEB is LOW, data is entered into the B Register on the LOW-to-HIGH transition of the CPB signal. CEB I Clock Enable for the B Register. When CEB is LOW, data is entered into the B Register on the LOW-to-HIGH transition of the CPB signal. When CEB is HIGH, the B Register holds its contents, regardless of CPB signal transitions. OEA I Output Enable for the B Register. When OEA is LOW, the B Register outputs are enabled onto the A0-7 lines. When OEA is HIGH, the A0-7 outputs are in the high-impedance state. 2533 tbl 01 PIN CONFIGURATIONS DIP/CERPACK/SOIC TOP VIEW 5 6 7 8 9 10 11 12 GND 1 2 3 4 24 23 22 21 20 19 18 17 Vcc 16 15 14 13 P24-1, D24-1, E24-1 & SO24-2 A6 A5 A4 A3 A2 CEB CEA CPB CPA OEA A1 A0 A7 B6 B5 B4 B3 B2 B1 B B7 0 OEB REGISTER FUNCTION TABLE (1) (Applies to A or B Register) Inputs Internal DCP CE CE Q Function X X H NC Hold Data L ↑ L L Load Data H ↑ LH 2533 tbl 02 OUTPUT CONTROL (1) Internal Y-Outputs OE OE Q 52 53 Function H X Z Z Disable Outputs L L L H Enable Outputs LH HL NOTE: 2533 tbl 03 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care NC = No Change ↑ = LOW-to-HIGH Transition 5 6 7 8 9 10 11 L28-1 25 24 23 22 21 20 19 INDEX B4 B3 B2 B1 B0 OEB NC NC A5 A4 A3 A2 A1 A0 12 13 14 15 16 17 18 43 2 1 28 27 26 LCC TOP VIEW 2533 drw 02 |