| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9250-13 bảng dữ liệu(PDF) 6 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9250-13 bảng dữ liệu(HTML) 6 Page - Integrated Circuit Systems |
|
6 / 15 page ![]() 6 ICS9250-13 Byte 1: Control Register (1 = enable, 0 = disable) Notes: 1. Inactive means outputs are held LOW and are disabled from switching. t i B# n i PD W Pn o i t p i r c s e D 7 t i B- 1 ) d e v r e s e R ( 6 t i B- 1 ) d e v r e s e R ( 5 t i B- X # 2 S F 4 t i B- X # 0 S F 3 t i B8 41 ) t c a n I / t c A ( 3 K L C U P C 2 t i B9 41 ) t c a n I / t c A ( 2 K L C U P C 1 t i B1 51 ) t c a n I / t c A ( 1 K L C U P C 0 t i B2 51 ) t c a n I / t c A ( 0 K L C U P C Notes: 1. Inactive means outputs are held LOW and are disabled from switching. Byte 2: Control Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B- X # 3 S F 6 t i B7 1 ) t c a n I / t c A ( F _ K L C I C P 5 t i B5 11 ) t c a n I / t c A ( 5 K L C I C P 4 t i B3 11 ) t c a n I / t c A ( 4 K L C I C P 3 t i B2 11 ) t c a n I / t c A ( 3 K L C I C P 2 t i B1 11 ) t c a n I / t c A ( 2 K L C I C P 1 t i B0 11 ) t c a n I / t c A ( 1 K L C I C P 0 t i B8 1 ) t c a n I / t c A ( 0 K L C I C P Byte 3: Control Register (1 = enable, 0 = disable) Notes: 1. Inactive means outputs are held LOW and are disabled from switching. t i B# n i PD W Pn o i t p i r c s e D 7 t i B6 31 ) t c a n I / t c A ( 7 M A R D S 6 t i B7 31 ) t c a n I / t c A ( 6 M A R D S 5 t i B9 31 ) t c a n I / t c A ( 5 M A R D S 4 t i B0 41 ) t c a n I / t c A ( 4 M A R D S 3 t i B2 41 ) t c a n I / t c A ( 3 M A R D S 2 t i B3 41 ) t c a n I / t c A ( 2 M A R D S 1 t i B5 41 ) t c a n I / t c A ( 1 M A R D S 0 t i B6 41 ) t c a n I / t c A ( 0 M A R D S Notes: 1. Inactive means outputs are held LOW and are disabled from switching. Byte 4: Control Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B6 21 ) t c a n I / t c A ( 5 1 M A R D S 6 t i B7 21 ) t c a n I / t c A ( 4 1 M A R D S 5 t i B0 31 ) t c a n I / t c A ( 3 1 M A R D S 4 t i B1 31 ) t c a n I / t c A ( 2 1 M A R D S 3 t i B7 11 ) t c a n I / t c A ( 1 1 M A R D S 2 t i B8 11 ) t c a n I / t c A ( 0 1 M A R D S 1 t i B0 21 ) t c a n I / t c A ( 9 M A R D S 0 t i B1 21 ) t c a n I / t c A ( 8 M A R D S Byte 5: Control Register (1 = enable, 0 = disable) Notes: 1. Inactive means outputs are held LOW and are disabled from switching. t i B# n i PD W Pn o i t p i r c s e D 7 t i B- 1 ) d e v r e s e R ( 6 t i B- 1 ) d e v r e s e R ( 5 t i B- 1 ) d e v r e s e R ( 4 t i B5 51 ) t c a n I / t c A ( C I P A O I 3 t i B- X # 1 S F 2 t i B- 1 ) d e v r e s e R ( 1 t i B4 51 ) t c a n I / t c A ( 1 F E R 0 t i B2 1 ) t c a n I / t c A ( 0 F E R |