công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RSMF2 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện RSMF2
Giải thích chi tiết về linh kiện  General Purpose Metal Oxide Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

RSMF2 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  RSMF2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSMF2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSMF2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSMF2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 11/03/2014
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF/RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Maximum
Maximum
Resistance
Type / Code
Working
Overload
Temperature
Voltage (1)
Voltage
Coefficient
RSF12
0.5W
250V
400V
350V
±200 ppm/ºC
0.1 - 150K
0.1 - 75K
0.1 - 1M
RSF1
1W
350V
600V
600V
±200 ppm/ºC
0.1 - 100K
0.1 - 100K
0.1 - 1M
RSF2
2W
350V
600V
600V
±200 ppm/ºC
0.1 - 120K
0.1 - 120K
0.1 - 1M
RSF3
3W
800V
1,000V
750V
±200 ppm/ºC
0.1 - 470K
0.1 - 560K
0.1 - 1M
RSF5
5W
1,000V
1,000V
750V
±200 ppm/ºC
0.1 - 470K
0.1 - 560K
0.1 - 1M
RSMF12
0.5W
250V
400V
350V
±200 ppm/ºC
0.1 - 46.4K
0.1 - 47K
0.1 - 470K
RSMF1
1W
350V
600V
500V
±200 ppm/ºC
0.1 - 75K
0.1 - 75K
0.1 - 470K
RSMF2
2W
350V
600V
500V
±200 ppm/ºC
0.1 - 100K
0.1 - 100K
0.1 - 470K
RSMF3
3W
500V
800V
600V
±200 ppm/ºC
0.1 - 118K
0.1 - 120K
0.1 - 470K
RSMF5
5W
1,000V
1,000V
750V
±200 ppm/ºC
0.1 - 470K
0.1 - 560K
0.1 - 1M
(1) Lesser of
√PR or maximum working voltage
Power Rating
(Watts)
@ 70ºC
Dielectric
Withstanding
Voltage
1%
2%
Ohmic Range (
Ω) and Tolerance
5%
RSMF Series
RSF Series
Short Time Over Load
JISC 5202 5.5
±2%
±1%
Humidity
MIL-STD 202, Method 103
Dielectric Withstanding Voltage
MIL-STD 202, Method 301
Load Life
MIL-STD 202, Method 108
Load Life in Humidity
JISC 5202 7.9
Temperature Cycling
JESD22 Method JA-104
Moisture Resistance
MIL-STD 202, Method 106
Resistance to Solder Heat
MIL-STD 202, Method 210F
Insulation Resistance
JIS C5201-1, IEC60115-1
Terminal Strength
MIL-STD 202, Method 211
Vibration
MIL-STD 202, Method 201
Operating Temperature Range: -55ºC to +200ºC (RSF12, RSMF12, RSMF1)
-55ºC to +235ºC (All others)
Standard / Method
Requirement
±1.5%
±0.2%
Test
≥ 1Gohm
±0.5%
±1%
±0.5%
±1%
±0.5%
±2%
±2%
Features:
•
Lower-cost alternative to carbon comps and wirewounds
•
Coating meets UL 94V-0
•
Meets solvent test of Mil Standard 202, Method 215
•
Cut and formed product is available on select sizes;
contact factory for details
•
Higher or lower resistance values may be possible;
contact factory
•
Flameproof
•
RoHS compliant / lead-free
Electrical Specifications
Performance Characteristics


Số phần tương tự - RSMF2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
RSMF2 ETC2-RSMF2 Datasheet
209Kb / 4P
Lower-cost alternative to carbon comps and wirewounds
logo
Stackpole Electronics, ...
RSMF2 SEI-RSMF2 Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
RSMF2FA10K2 SEI-RSMF2FA10K2 Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
RSMF2FA1M00 SEI-RSMF2FA1M00 Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
RSMF2FA33R2 SEI-RSMF2FA33R2 Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
More results

Mô tả tương tự - RSMF2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KOA Speer Electronics, ...
MF1ECT521 KOA-MF1ECT521 Datasheet
102Kb / 2P
general purpose metal film leaded resistor
logo
IRC - a TT electronics ...
CMO IRCTT-CMO Datasheet
184Kb / 4P
Commercial Grade Metal Oxide Resistor
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
General Purpose Power Metal Glaze Resistor
logo
List of Unclassifed Man...
SEI-RNF_RNMF ETC1-SEI-RNF_RNMF Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FTD178K ETC2-RNF14FTD178K Datasheet
129Kb / 3P
General Purpose Metal Film Resistor
RNF18FTD10K0 ETC2-RNF18FTD10K0 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
RNF14FAD2K26 ETC2-RNF14FAD2K26 Datasheet
117Kb / 3P
General Purpose Metal Film Resistor
RNF18FTC1K00 ETC2-RNF18FTC1K00 Datasheet
140Kb / 3P
General Purpose Metal Film Resistor
logo
Stackpole Electronics, ...
RNF SEI-RNF Datasheet
505Kb / 9P
General Purpose Metal Film Resistor
3/3/2022
RSF SEI-RSF Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com