| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HMS81032TL bảng dữ liệu(PDF) 43 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HMS81032TL bảng dữ liệu(HTML) 43 Page - Hynix Semiconductor |
|
43 / 77 page ![]() HMS81004E/08E/16E/24E/32E 40 JUNE 2001 Ver 1.00 Figure 13-1 Block Diagram of Timer/Counter T0HMD T0LMD T0LMD T0LLD T1HD T1LD T2DR Timer0 (16bit) Polarity Timer2(8bit) Timer1(8bit) Selection Edge Selection Tout Logic BTC L -T O U T1 TO U T0 T0O U TP TO U TS TO U TB T0IN IT T1IN IT 70 TM01 from EC/R14 from INT2/R12 (Capture Signal) T0OUT (R17) TOUT (REMOUT) T1OUT (R16) T2OUT (R15) BTCL 7654 3210 - INITIAL VALUE: 00H ADDRESS: 0DAH TM01 TO UT1 TO UT0 R/W R/W R/W R/W R/W T0O U TP Timer 01 mode register TOUT LOGIC 0: Timer1 output low 1: Timer1 output high Timer1 output initial value 0: T0OUT Polarity Equal to TOUT Logic input signal 1: T0OUT Polarity Reverse to TOUT Logic input signal T0OUT Polarity Selection (TOUT Logic or TOUTB) 0: Bit(TOUTB) Output Through REMOUT REMOUT Port Output Selection 0: REMOUT Output Low 1: REMOUT Output High REMOUT Port Bit Control R/W R/W TO UTS T O UTB 00: AND of T0 OUTPUT and T1 OUTPUT 01: NAND of T0 OUTPUT and T1 OUTPUT 10: OR of T0 OUTPUT and T1 OUTPUT 11: NOR of T0 OUTPUT and T1 OUTPUT T 0IN IT T 1IN IT 1: TOUT Logic Output Through REMOUT 0: Timer0 output low 1: Timer0 output high Timer0 output initial value |