| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HMS81032TL bảng dữ liệu(PDF) 14 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HMS81032TL bảng dữ liệu(HTML) 14 Page - Hynix Semiconductor |
|
14 / 77 page ![]() HMS81004E/08E/16E/24E/32E JUNE 2001 Ver 1.00 11 R15/T2, R16/T1, R17/T0 R2[0:4] TEST REMOUT XIN, XOUT RESET Pin Data Reg. Function Sele- Key Scan Pull up Reg. Rd VDD VSS Pull-up Tr. Input Open Drain Reg. Tr.: Transistor Reg.: Register LVD Circuit OTP : connected MASK : option (default connected) VDD KS_EN Standby Release Level Control Register ction Reg. D ir R eg. MUX to R15...T2 to R16...T1 to R17...T0 MUX MUX Pin Data Reg. Dir. Reg. Pull up Reg. Rd VDD VSS Pull-up Tr. Open Drain Reg. Tr.: Transistor Reg.: Register LVD Circuit OTP : connected MASK : option (default connected) VDD MUX Pin VDD VSS Noise Filter Pin VDD VSS Internal Signal XIN VSS XOUT Noise Filter from STOP circuit Pin VDD VSS Noise Filter from Power On Reset |