công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HDM8515P bảng dữ liệu(PDF) 68 Page - Hynix Semiconductor

tên linh kiện HDM8515P
Giải thích chi tiết về linh kiện  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P bảng dữ liệu(HTML) 68 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 64Page - Hynix Semiconductor HDM8515P Datasheet HTML 65Page - Hynix Semiconductor HDM8515P Datasheet HTML 66Page - Hynix Semiconductor HDM8515P Datasheet HTML 67Page - Hynix Semiconductor HDM8515P Datasheet HTML 68Page - Hynix Semiconductor HDM8515P Datasheet HTML 69Page - Hynix Semiconductor HDM8515P Datasheet HTML 70Page - Hynix Semiconductor HDM8515P Datasheet HTML 71Page - Hynix Semiconductor HDM8515P Datasheet HTML 72Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
68
Figure A2 illustrates the transient response of the carrier tracking loop with the same loop
bandwidth settings at high signal-to-noise ratio. The phase step for this test corresponds to 45
degrees. The actual bandwidth of the carrier loop is greater than that of the symbol loop for the
same settings because the carrier loop must cope with greater dynamics (such as frequency offset
and drift). Figure A3 illustrates the transient response of the carrier phase tracking loop under the
same conditions at minimum signal-to-noise ratio (Eb/N0 of 4 dB with rate 1/2 coding). The
highest bandwidth case will pull in with a carrier frequency error of + or - .005 of the symbol rate at
this minimum signal level. Higher loop bandwidth may be programmed to provide greater pull-in
with higher signal-to-noise ratio conditions.
FIGURE A2: CARRIER PHASE RECOVERY TRANSIENT RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75