| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89SND2CMP3B bảng dữ liệu(PDF) 12 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89SND2CMP3B bảng dữ liệu(HTML) 12 Page - ATMEL Corporation |
|
12 / 242 page ![]() 12 4341H–MP3–10/07 AT8xC51SND2C/MP3B 4.4 Internal Pin Structure Table 4-17. Detailed Internal Pin Structure Notes: 1. For information on resistors value, input/output levels, and drive capability, refer to the Section “DC Characteristics”, page 201. 2. When the Two Wire controller is enabled, P3 transistors are disabled allowing pseudo open- drain structure. Circuit(1) Type Pins Input TST Input/Output RST Input/Output P3 P4 Input/Output P0 MCMD MDAT ISP PSEN Output ALE SCLK DCLK DOUT DSEL MCLK Input/Output D+ D- VDD VSS P VDD Watchdog Output P3 VSS N P1 VDD VDD 2 osc Latch Output periods P2 VDD VSS N P VDD VSS N P VDD D+ D- |