| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89SND2CMP3B bảng dữ liệu(PDF) 69 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89SND2CMP3B bảng dữ liệu(HTML) 69 Page - ATMEL Corporation |
|
69 / 242 page ![]() 69 4341H–MP3–10/07 AT8xC51SND2C/MP3B 13.7 Registers Table 13-5. MP3CON Register MP3CON (S:AAh) – MP3 Decoder Control Register Reset Value = 0011 1111b 7 6 5 4 3 2 1 0 MPEN MPBBST CRCEN MSKANC MSKREQ MSKLAY MSKSYN MSKCRC Bit Number Bit Mnemonic Description 7 MPEN MP3 Decoder Enable Bit Set to enable the MP3 decoder. Clear to disable the MP3 decoder. 6 MPBBST Bass Boost Bit Set to enable the bass boost sound effect. Clear to disable the bass boost sound effect. 5 CRCEN CRC Check Enable Bit Set to enable processing of frame that contains CRC error. Frame is played whatever the error. Clear to disable processing of frame that contains CRC error. Frame is skipped. 4 MSKANC MPANC Flag Mask Bit Set to prevent the MPANC flag from generating a MP3 interrupt. Clear to allow the MPANC flag to generate a MP3 interrupt. 3 MSKREQ MPREQ Flag Mask Bit Set to prevent the MPREQ flag from generating a MP3 interrupt. Clear to allow the MPREQ flag to generate a MP3 interrupt. 2 MSKLAY ERRLAY Flag Mask Bit Set to prevent the ERRLAY flag from generating a MP3 interrupt. Clear to allow the ERRLAY flag to generate a MP3 interrupt. 1 MSKSYN ERRSYN Flag Mask Bit Set to prevent the ERRSYN flag from generating a MP3 interrupt. Clear to allow the ERRSYN flag to generate a MP3 interrupt. 0 MSKCRC ERRCRC Flag Mask Bit Set to prevent the ERRCRC flag from generating a MP3 interrupt. Clear to allow the ERRCRC flag to generate a MP3 interrupt. |