công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBR2060CT bảng dữ liệu(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

tên linh kiện MBR2060CT
Giải thích chi tiết về linh kiện  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Trang chủ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBR2060CT bảng dữ liệu(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBR2060CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR2060CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR2060CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR2060CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR2060CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR2060CT Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0034, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBR2050/2060CT
MBRB2050/2060CT
MBR2050/2060CT-1
Marking Diagram:
Where XX is Reverse Voltage
Where XXXXX is YYWWL
MBR
= Device Type
B
= Package type
20
= Forward Current (20A)
XX
= Reverse Voltage (50/60V)
CT/CT-1
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
MBR20XXCT
MBRB20XXCT
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MBR20XXCT
MBR20XXCT-1
TO-220AB
(Pb-Free)
50pcs / tube
MBRB20XXCT
D²PAK
(Pb-Free)
800pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
50
MBR2050CT
Peak Inverse Voltage
VRWM
-
60
MBR2060CT
V
Average Rectified Output
Current
Io
50Hz Full Sine Wave Resistive
Load @TC = 80 °C
20
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3ms,50Hz Full Sine Wave,
1Cycle Non-repetitive
180
A



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com