| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT9480 bảng dữ liệu(PDF) 52 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9480 bảng dữ liệu(HTML) 52 Page - Holtek Semiconductor Inc |
|
52 / 57 page ![]() SBC A,[m] Subtract data memory and carry from accumulator Description The contents of the specified data memory and the complement of the carry flag are together subtracted from the accumulator, leaving the result in the accumulator. Operation ACC ← ACC+[m]+C Affected flag(s) TC2 TC1 TO PD OV Z AC C –– – – √√ √√ SBCM A,[m] Subtract data memory and carry from accumulator Description The contents of the specified data memory and the complement of the carry flag are together subtracted from the accumulator, leaving the result in the data memory. Operation [m] ← ACC+[m]+C Affected flag(s) TC2 TC1 TO PD OV Z AC C –– – – √√ √√ SDZ [m] Skip if decrement data memory is zero Description The contents of the specified data memory are decremented by one. If the result is zero, the next instruction is skipped. If the result is zero, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle replaced to get the proper instruction. This makes a 2-cycle instruction. Otherwise proceed with the next instruction. Operation Skip if ([m]–1)=0, [m] ← ([m]–1) Affected flag(s) TC2 TC1 TO PD OV Z AC C – – –– –– –– HT9480 52 23th Feb ’98 |