công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT49R50 bảng dữ liệu(PDF) 35 Page - Holtek Semiconductor Inc

tên linh kiện HT49R50
Giải thích chi tiết về linh kiện  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 bảng dữ liệu(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 31Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 32Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 33Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 34Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 35Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 36Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 37Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 38Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
Instruction Definition
ADC A,[m]
Add data memory and carry to the accumulator
Description
The contents of the specified data memory, accumulator and the carry flag
are added simultaneously, leaving the result in the accumulator.
Operation
ACC ¬ ACC+[m]+C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
ADCM A,[m]
Add the accumulator and carry to data memory
Description
The contents of the specified data memory, accumulator and the carry flag
are added simultaneously, leaving the result in the specified data memory.
Operation
[m] ¬ ACC+[m]+C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
ADD A,[m]
Add data memory to the accumulator
Description
The contents of the specified data memory and the accumulator are added.
The result is stored in the accumulator.
Operation
ACC ¬ ACC+[m]
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
ADD A,x
Add immediate data to the accumulator
Description
The contents of the accumulator and the specified data are added, leaving
the result in the accumulator.
Operation
ACC ¬ ACC+x
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
HT49R50
35
October 22, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com