| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD49235FS bảng dữ liệu(PDF) 21 Page - Hitachi Semiconductor |
|
|
|||||||||||||||||||||||||||||
HD49235FS bảng dữ liệu(HTML) 21 Page - Hitachi Semiconductor |
|
21 / 41 page ![]() HD49235FS Rev.2, Aug. 1995, page 21 of 41 SUBCK: This pin inputs a subcode read clock. Codes R to W are output together with codes P and Q. The codes are output in order, starting with the P code, as serial data from the SUBOUT pin when read clock pulses are input at the SUBCK pin. Figure 9 shows the timing, which basically conforms to EIAJ CP-2401. Signal Configuration: Figure 9 shows the signals output for use in display of graphics. (SF: subcode frame) To read the subcode data, eight subcode clock pulses (SUBCK) should be input after the fall of the subcode frame synchronization signal (CFCKP). The data for subcode channel P is output at the fall of CFCKP. Data in channels Q to W is output at the rise of SUBCK. See figure 10. SF0 CFCKP SUBCK SUB OUT ** * P to W P to W * * * Segments marked with X's are don't-care segments. P to W SF1 SF2 SF3 SF4 SF97 SF0 Notes: * SUBCK input during SF0 and SF1 is permissible, but the resulting output from SUBOUT will not necessarily be correct. S1 Figure 9 Output Timing for Graphics Display (1) Subcode frame (SF) CFCKP SUBCK SUB OUT PQ R S T U V W P Figure 10 Output Timing for Graphics Display (2) |