công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP6699 bảng dữ liệu(PDF) 8 Page - Exar Corporation

tên linh kiện SP6699
Giải thích chi tiết về linh kiện  27V Step Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

SP6699 bảng dữ liệu(HTML) 8 Page - Exar Corporation

Back Button SP6699 Datasheet HTML 4Page - Exar Corporation SP6699 Datasheet HTML 5Page - Exar Corporation SP6699 Datasheet HTML 6Page - Exar Corporation SP6699 Datasheet HTML 7Page - Exar Corporation SP6699 Datasheet HTML 8Page - Exar Corporation SP6699 Datasheet HTML 9Page - Exar Corporation SP6699 Datasheet HTML 10Page - Exar Corporation SP6699 Datasheet HTML 11Page - Exar Corporation SP6699 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
S
SP
P6
66
69
99
9
2
27
7V
V S
Stte
ep
p U
Up
p W
Wh
hiitte
e L
LE
ED
D D
Drriiv
ve
err
© 2011 Exar Corporation
8/12
Rev. 2.1.0
THEORY OF OPERATION
DETAILED DESCRIPTION
The SP6699 is a boost DC-DC converter which
uses a constant frequency, current mode
control scheme to provide excellent line and
load
regulation.
Operation
can
be
best
understood by referring to the Figure 1. At the
start of each oscillator cycle, the SR latch is
set and the switch Q1 turns on. The switch
current will increase linearly. The voltage on
sense resistor is proportional to the switch
current. The output of the current sense
amplifier is added to a stabilizing ramp and
the result is fed into the non-inversion input of
the PWM comparator A2. When this voltage
exceeds the output voltage level of the error
amplifier A1, the SR latch is reset and the
switch is turned off. It is clear that the voltage
level at non-inversion input of A2 sets the
peak current level to keep the output in
regulation. This voltage level is the output
signal of error amplifier A1, and is the
amplified signal of the voltage difference
between feedback voltage and reference
voltage of 200mV. So, a constant output
current can be provided by this operation
mode.
Fig. 19: R1 Selection
Typical Application Circuit
LED CURRENT CONTROL
Refer to Figure 19, the LED current is
controlled by the feedback resistor R1. LEDs'
current
accuracy
is
determined
by
the
regulator's feedback threshold accuracy and is
independent of the LED's forward voltage
variation.
So
the
precise
resistors
are
preferred. The resistance of R1 is in inverse
proportion to the LED current since the
feedback reference is fixed at 200mV. The
relation for R1 and LED current can be
expressed as below:
R1=200mV/ILED
OVER VOLTAGE PROTECTION
The SP6699 has an internal open-circuit
protection
circuit.
When
the
LEDs
are
disconnected from the circuit or fail open, the
output voltage is clamped at 27V. The SP6699
will switch at a low frequency, and minimize
input current.
SOFT START
The SP6699 has an internal soft start circuit to
limit the inrush current during startup. The
startup delay is controlled by internal soft start
capacitor. Please refer to Figure 20.
Fig. 20: Soft Start Waveform
VIN=3.6V, 4 LEDs, ILED=20mA
DIMMING CONTROL
Two typical types of dimming control circuit
are present. First, controlling the CTRL Pin
voltage to change operation state is a good
choice. Second, changing the feedback voltage
to get appropriate duty and luminous intensity
is also useful.
Adding a control signal to CTRL pin
There are three methods to control CTRL pin
signal.
First, adding a PWM Signal to the CTRL pin
directly. The SP6699 is turned on or off by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com