| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NG80386SXLP33 bảng dữ liệu(PDF) 49 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
NG80386SXLP33 bảng dữ liệu(HTML) 49 Page - Intel Corporation |
|
49 / 102 page ![]() Intel386TM SX MICROPROCESSOR Two choices of address timing are dynamically se- lectable non-pipelined or pipelined After an idle bus state the processor always uses non-pipelined ad- dress timing However the NA (Next Address) in- put may be asserted to select pipelined address tim- ing for the next bus cycle When pipelining is select- ed and the Intel386 SX Microprocessor has a bus request pending internally the address and defini- tion of the next cycle is made available even before the current bus cycle is acknowledged by READY Terminating a read or write cycle like any bus cycle requires acknowledging the cycle by asserting the READY input Until acknowledged the processor inserts wait states into the bus cycle to allow adjust- ment for the speed of any external device External hardware which has decoded the address and bus cycle type asserts the READY input at the appro- priate time At the end of the second bus state within the bus cycle READY is sampled At that time if external hardware acknowledges the bus cycle by asserting READY the bus cycle terminates as shown in Fig- ure 56 If READY is negated as in Figure 57 the Intel386 SX Microprocessor executes another bus state (a wait state) and READY is sampled again at the end of that state This continues indefinitely until the cycle is acknowledged by READY assert- ed When the current cycle is acknowledged the Intel386 SX Microprocessor terminates it When a read cycle is acknowledged the Intel386 SX Micro- processor latches the information present at its data pins When a write cycle is acknowledged the Intel386 SX CPU’s write data remains valid through- out phase one of the next bus state to provide write data hold time 240187 – 22 Idle states are shown here for diagram variety only Write cycles are not always followed by an idle state An active bus cycle can immediately follow the write cycle Figure 57 Various Bus Cycles with Non-Pipelined Address (various number of wait states) 49 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |