| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML22Q563 bảng dữ liệu(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML22Q563 bảng dữ liệu(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 66 page ![]() FEDL2257X-05 ML22Q573/ML2257X PLAY Command Input Timing for Continuous Playback The diagram below shows the PLAY command input timing in cases where one phrase is played and then the next phrase is played in succession. CSB SCK SI NCR BUSYB SPM 1/2VDD SPP 1/2VDD tcm CBUSYB (internal) (internal) PLAY command 2nd byte PLAY command 1st byte PLAY command 2nd byte Status Playing phrase 1 Address is being controlled Awaiting command Playing phrase 2 Address is being controlled As shown in the diagram above, if performing continuous playback, input the PLAY command for the second phrase within 10 ms (tcm) after the NCR signal on the target channel goes “H”. Doing so will start playing the second phrase immediately after the playback of the first phrase finishes. Phrases can thus be played continuously without silence being inserted between phrases. 39/66 |