| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML22Q563 bảng dữ liệu(PDF) 23 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML22Q563 bảng dữ liệu(HTML) 23 Page - List of Unclassifed Manufacturers |
|
23 / 66 page ![]() FEDL2257X-05 ML22Q573/ML2257X Voice Synthesis Algorithm (Common to ML22Q573 and ML2257X) The ML22Q573/ML2257X contains four algorithm types to match the characteristic of playback voice: HQ-ADPCM algorithm, 8-bit straight PCM algorithm, 8-bit non-linear PCM algorithm, and 16-bit straight PCM algorithm. Key feature of each algorithm is described in the table below. Voice synthesis algorithm Feature HQ-ADPCM Algorithm that enables high sound quality and high compression, which have been achieved by the improved 4-bit ADPCM that uses variable bit-length coding. 8-bit Nonlinear PCM Algorithm that plays back mid-range of waveform as 10-bit equivalent voice quality. 8-bit PCM Normal 8-bit PCM algorithm 16-bit PCM Normal 16-bit PCM algorithm 23/66 |