công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B340L bảng dữ liệu(PDF) 1 Page - Orister Corporation

tên linh kiện B340L
Giải thích chi tiết về linh kiện  3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ORISTER [Orister Corporation]
Trang chủ  http://www.orister.com
Logo ORISTER - Orister Corporation

B340L bảng dữ liệu(HTML) 1 Page - Orister Corporation

  B340L Datasheet HTML 1Page - Orister Corporation B340L Datasheet HTML 2Page - Orister Corporation B340L Datasheet HTML 3Page - Orister Corporation B340L Datasheet HTML 4Page - Orister Corporation B340L Datasheet HTML 5Page - Orister Corporation B340L Datasheet HTML 6Page - Orister Corporation B340L Datasheet HTML 7Page - Orister Corporation B340L Datasheet HTML 8Page - Orister Corporation B340L Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page No. : 1/10
DS‐RS6507‐02    February, 2010 
www.Orister.com
RS6507 
3A, 20V, 400KHz DC/DC Asynchronous Step‐Down Converter   
 
General Description 
The RS6507 is a high‐efficiency asynchronous step‐down DC/DC converter that can deliver up to 3A output current from 
4.75V  to  20V  input  supply.  The  RS6507's  current  mode  architecture  and  external  compensation  allow  the  transient 
response to be optimized over a wide range of loads and output capacitors. Cycle‐by‐cycle current limit provides protection 
against shorted outputs and soft‐start eliminates input current surge during start‐up. 
 
The  RS6507  also  provides  output  under  voltage  protection  and  thermal  shutdown  protection.  The  low  current  (<30μA) 
shutdown mode provides output disconnection, enabling easy power management in battery‐powered systems. 
Features 
Applications 
● 3A Output Current 
● Up to 93% Efficiency 
● Integrated 100mΩ Power MOSFET Switches 
● Fixed 400KHz Frequency 
● Cycle‐by‐Cycle Over Current Protection 
● Thermal Shutdown function 
● Wide 4.75V to 20V Operating Input Range 
● Output Adjustable from 0.925V to 18V 
● Programmable Under Voltage Lockout 
● Available in an SOP‐8 with Exposed Pad Package 
● RoHS Compliant and 100% Lead (Pb)‐Free and Green 
(Halogen Free with Commercial Standard) 
● PC Motherboard, Graphic Card 
● LCD Monitor 
● Set‐Top Boxes 
● DVD‐Video Player 
● Telecom Equipment 
● ADSL Modem 
● Printer and other Peripheral Equipment 
● Microprocessor core supply 
● Networking power supply 
● Pre‐Regulator for Linear Regulators 
● Green Electronics/Appliances 
Application Circuits 
 
ON
OUTPUT
INPUT
U1
RS6507‐ADSE
2
3
8
5
4
7
6
IN
SW
SS
FB
GND
EN
COMP
C4
0.1uF
C2
22uF/6.3V
C1
10uF/35V
C5
10nF
L1
15uH
D1
B340A
R2
10KΩ 1%
R1
25.8KΩ 1%
R3
5.6KΩ
C3
8.2nF
C6
(Optional)
OFF
4.75V to 21V
3.3V/3A
CERAMIC x2
CERAMIC x2
 
 
This  integrated  circuit  can  be  damaged  by  ESD.  Orister  Corporation  recommends  that  all  integrated  circuits  be  handled  with 
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. 
 
ESD  damage  can  range  from  subtle  performance  degradation  to  complete  device  failure.  Precision  integrated  circuits  may  be  more 
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
 


Số phần tương tự - B340L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
B340L MPS-B340L Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Orister Corporation
B340L ORISTER-B340L Datasheet
486Kb / 11P
2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
B340L ORISTER-B340L Datasheet
541Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
logo
Weitron Technology
B340LA WEITRON-B340LA Datasheet
214Kb / 3P
Low VF Surface Mount Schottky Barrier Rectifiers
More results

Mô tả tương tự - B340L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Orister Corporation
RS6508A ORISTER-RS6508A Datasheet
517Kb / 10P
2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6509A ORISTER-RS6509A Datasheet
580Kb / 10P
3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511A ORISTER-RS6511A Datasheet
577Kb / 10P
3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com