công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R3896 bảng dữ liệu(PDF) 2 Page - Hamamatsu Corporation

tên linh kiện R3896
Giải thích chi tiết về linh kiện  PHOTOMULTlPLlER TUBE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HAMAMATSU [Hamamatsu Corporation]
Trang chủ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R3896 bảng dữ liệu(HTML) 2 Page - Hamamatsu Corporation

  R3896 Datasheet HTML 1Page - Hamamatsu Corporation R3896 Datasheet HTML 2Page - Hamamatsu Corporation R3896 Datasheet HTML 3Page - Hamamatsu Corporation R3896 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GENERAL
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
185 to 900
nm
nm
Photocathode
MateriaI
450
Structure
4pF
Anode to Last Dynode
6pF
Anode to All Other Electrodes
Minimum Effective Area
Multialkali
mm
Window Material
Weight
8
24
g
Approx. 45
Dynode
Direct Interelectrode Capacitances
Base
Supply Voltage
Between Anode and Cathode
Between Anode and Last Dynode
1250
250
0.1
Vdc
Vdc
mA
Average Anode Current A
Ambient Temperature
UV glass
Circular-cage
Number of Stages
JEDEC No. B11-88
CHARACTERISTlCS (at 25
)
NOTES
Cathode Sensitivity
Anode Dark Current F
(after 30min. storage in the darkness)
Anode Current Stability J
A:
B:
C:
D:
E:
Averaged over any interval of 30 seconds
maximum.
The light source is a tungsten filament lamp
operated at a distribution temperature of 2856K.
Supply voltage is 100 volts between the cathode
and all other electrodes connected together as
anode.
The value is cathode output current when a blue
filter(Coming CS-5-58 polished to 1/2 stock
thickness) is interposed between the light source
and the tube under the same condition as Note B.
Red/White ratio is the quotient of the cathode
current measured using a red filter(Toshiba R-68)
interposed between the light source and the tube
by the cathode current measured with the filter
removed under the same conditions as Note B.
Measured with the same light source as Note B
and with the voltage distribution ratio shown in
Table 1 below.
Current Hysteresis
Voltage Hysteresis
Radiant at 254nm
Red/White Ratio D
Blue C
0.4
15
450nm
633nm
852nm
90
73
5.0
450nm
633nm
852nm
24.8
14.3
0.73
Anode Pulse Rise Time G
Electron Transit Time H
Transit Time Spread (TTS) I
Time Response
Electrodes
K
Dy1 Dy2 Dy3 Dy4 Dy5 Dy6 Dy7 Dy8 Dy9
P
Ratio
1
111
1
1
1111
SuppIy Voltage : 1000Vdc, K : Cathode, Dy : Dynode, P : Anode
Quantum Efficiency at 254nm
29.3
Gain E
9.5
106
SuitabIe Socket
E678–11A (option)
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter
Value
Unit
PHOTOMULTlPLlER TUBE R3896
Luminous B
475
60
525
Table 1:Voltage Distribution Ratio
–80 to +50
Parameter
Typ.
Min.
Max.
Unit
Anode Sensitivity
Luminous E
2.2
1.2
0.1
1.0
22
%
%
mA/W
A/lm-b
mA/W
mA/W
mA/W
ns
ns
ns
A/lm
%
%
%
%
nA
3000
5000
50
10
A/lm
F:
G:
H:
I:
J:
Measured with the same supply voltage and
voltage distribution ratio as Note E after removal of
light.
The rise time is the time for the output pulse to
rise from 10% to 90% of the peak amplitude when
the entire photocathode is illuminated by a delta
function light pulse.
The electron transit time is the interval between
the arrival of delta function light pulse at the
entrance window of the tube and the time when
the anode output reaches the peak amplitube. In
measurement, the whole photocathode is
illuminated.
Also called transit time jitter. This is the fluctuation
in electron transit time between individual pulses in
the signal photoelectron mode, and may be defined
as the FWHM of the frequency distribution of
electron transit times
Hysteresis is temporary instability in anode current
after light and voltage are applied.
(1)Current Hysteresis
The tube is operated at 750 volts with an anode
current of 1 microampere for 5 minutes. The light is
then removed from the tube for a minute. The tube is
then re-illuminated by the previous light level for a
minute to measure the variation.
(2)Voltage Hysteresis
The tube is operated at 300 volts with an anode
current of 0.1 micro-ampere for 5 minutes. The light
is then removed from the tube and the supply voltage
is quickly increased to 800 volts. After a minute, the
supply voltage is then reduced to the previous value
and the tube is re-illuminated for a minute to
measure the variation.
Hysteresis =
100(%)
lmax.
li
lmin.
TPMSB0002EA
TIME
max.
l
min.
l
i
l
0
5
6
7 (minutes)
9



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com